Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 107 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 107 Page - SPANSION

Back Button S71GS256 Datasheet HTML 103Page - SPANSION S71GS256 Datasheet HTML 104Page - SPANSION S71GS256 Datasheet HTML 105Page - SPANSION S71GS256 Datasheet HTML 106Page - SPANSION S71GS256 Datasheet HTML 107Page - SPANSION S71GS256 Datasheet HTML 108Page - SPANSION S71GS256 Datasheet HTML 109Page - SPANSION S71GS256 Datasheet HTML 110Page - SPANSION S71GS256 Datasheet HTML 111Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
107
Ad vance
Info rmat i o n
Notes:
1. CLK may be HIGH or LOW, but must be static during asynchronous read, synchronous write, burst suspend, and
DPD modes; and to achieve standby power during standby and active modes.
2. The WAIT polarity is configured through the bus configuration register (BCR[10]).
3. When LB# and UB# are in select mode (LOW), DQ[15:0] are affected. When only LB# is in select mode, DQ[7:0]
are affected. When only UB# is in the select mode, DQ[15:8] are affected.
4. The device will consume active power in this mode whenever addresses are changed.
5. When the device is in standby mode, address inputs and data inputs/outputs are internally isolated from any
external influence.
6. VIN = VCCQ or 0V; all device balls must be static (unswitched) to achieve standby current.
7. DPD is maintained until RCR is reconfigured.
8. Burst mode operation is initialized through the bus configuration register (BCR[15]).
Functional Description
The CellularRAM bus interface supports both asynchronous and burst mode
transfers. Page mode accesses are also included as a bandwidth-enhancing ex-
tension to the asynchronous read protocol.
Power-Up Initialization
CellularRAM products include an on-chip voltage sensor used to launch the
power-up initialization process. Initialization will configure the BCR and the RCR
with their default settings (see Table 18 and Table 22). VCC and VCCQ must be
applied simultaneously. When they reach a stable level at or above 1.7V, the de-
vice will require 150µs to complete its self-initialization process. During the
initialization period, CE# should remain HIGH. When initialization is complete, the
device is ready for normal operation.
Table 17. Bus Operations—Burst Mode
MODE
POWER
CLK
(Note 1) ADV#
CE#
OE#
WE#
CRE
LB#/
UB#
WAIT
(Note 2)
DQ[15:0]
(Note 3)NOTES
Async Read
Active
X
L
L
L
H
L
L
Low-Z
Data-Out
4
Async Write
Active
X
L
L
X
L
L
L
Low-Z
Data-In
4
Standby
Standby
X
X
H
X
X
L
X
High-Z
High-Z
5, 6
No Operation
Idle
X
X
L
X
X
L
X
Low-Z
X
4, 6
Initial Burst Read
Active
LL
X
H
LL
Low-Z
Data-Out
4, 8
Initial Burst Write
Active
L
L
H
L
L
X
Low-Z
Data-In
4, 8
Burst Continue
Active
HL
X
X
L
X
Low-Z
Data-In or
Data-Out
4, 8
Burst Suspend
Active
X
X
L
H
X
L
X
Low-Z
High-Z
4, 8
Configuration
Register
Active
LL
H
L
H
X
Low-Z
High-Z
8
DPD
Deep
Power-Down
X
X
H
XXXX
High-Z
High-Z
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com