Electronic Components Datasheet Search
  English  ▼

X  

AD7746 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7746
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7746 Datasheet HTML 6Page - Analog Devices AD7746 Datasheet HTML 7Page - Analog Devices AD7746 Datasheet HTML 8Page - Analog Devices AD7746 Datasheet HTML 9Page - Analog Devices AD7746 Datasheet HTML 10Page - Analog Devices AD7746 Datasheet HTML 11Page - Analog Devices AD7746 Datasheet HTML 12Page - Analog Devices AD7746 Datasheet HTML 13Page - Analog Devices AD7746 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 10 of 28
2.0
–2.0
–50
150
TEMPERATURE (°C)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–25
0
25
50
75
100
125
Figure 18. Internal Temperature Sensor Error vs. Temperature
1.0
–3.0
–50
150
TEMPERATURE (°C)
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–25
0
25
50
75
100
125
Figure 19. External Temperature Sensor Error vs. Temperature
0
–120
0
1000
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
100
200
300
400
500
600
700
800
900
Figure 20. Capacitance Channel Frequency Response,
Conversion Time = 11 ms
0
–120
0
400
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
50
100
150
200
250
300
350
Figure 21. Capacitance Channel Frequency Response,
Conversion Time = 62 ms
0
–120
0
400
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
50
100
150
200
250
300
350
Figure 22. Capacitance Channel Frequency Response,
Conversion Time = 109.6 ms
0
–120
0
400
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
50
100
150
200
250
300
350
Figure 23. Voltage Channel Frequency Response,
Conversion Time = 122.1 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com