Electronic Components Datasheet Search
  English  ▼

X  

AD7746 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7746
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7746 Datasheet HTML 12Page - Analog Devices AD7746 Datasheet HTML 13Page - Analog Devices AD7746 Datasheet HTML 14Page - Analog Devices AD7746 Datasheet HTML 15Page - Analog Devices AD7746 Datasheet HTML 16Page - Analog Devices AD7746 Datasheet HTML 17Page - Analog Devices AD7746 Datasheet HTML 18Page - Analog Devices AD7746 Datasheet HTML 19Page - Analog Devices AD7746 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 16 of 28
CAP SET-UP REGISTER
Address Pointer 0x07, Default Value 0x00
Capacitive channel setup.
Table 11. CAP Set-Up Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
CAPEN
CIN2
CAPDIFF
-
-
-
-
CAPCHOP
Default
0
0
0
0
0
0
0
0
Table 12.
Bit
Mnemonic
Description
7
CAPEN
CAPEN = 1 enables capacitive channel for single conversion, continuous conversion, or calibration.
6
CIN2
CIN2 = 1 switches the internal multiplexer to the second capacitive input on the AD7746.
5
CAPDIFF
DIFF = 1 sets differential mode on the selected capacitive input.
4-1
-
These bits must be 0 for proper operation.
0
CAPCHOP
The CAPCHOP bit should be set to 0 for the specified capacitive channel performance.
CAPCHOP = 1 approximately doubles the capacitive channel conversion times and slightly improves the
capacitive channel noise performance for the longest conversion times.
VT SET-UP REGISTER
Address Pointer 0x08, Default Value 0x00
Voltage/Temperature channel setup.
Table 13. VT Set-Up Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
VTEN
VTMD1
VTMD0
EXTREF
-
-
VTSHORT
VTCHOP
Default
0
0
0
0
0
0
0
0
Table 14.
Bit
Mnemonic
Description
7
VTEN
VTEN = 1 enables voltage/temperature channel for single conversion, continuous conversion, or calibration.
Voltage/temperature channel input configuration.
VTMD1
VTMD0
Channel Input
0
0
Internal temperature sensor
0
1
External temperature sensor diode
1
0
VDD monitor
6
5
VTMD1
VTMD0
1
1
External voltage input (VIN)
4
EXTREF
EXTREF = 1 selects an external reference voltage connected to REFIN(+), REFIN(–) for the voltage input or the
VDD monitor.
EXTREF = 0 selects the on-chip internal reference. The internal reference must be used with the internal
temperature sensor for proper operation.
3-2
-
These bits must be 0 for proper operation.
1
VTSHORT
VTSHORT = 1 internally shorts the voltage/temperature channel input for test purposes.
0
VTCHOP = 1
VTCHOP = 1 sets internal chopping on the voltage/temperature channel.
The VTCHOP bit must be set to 1 for the specified voltage/temperature channel performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com