Electronic Components Datasheet Search
  English  ▼

X  

AD7746 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7746
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7746 Datasheet HTML 16Page - Analog Devices AD7746 Datasheet HTML 17Page - Analog Devices AD7746 Datasheet HTML 18Page - Analog Devices AD7746 Datasheet HTML 19Page - Analog Devices AD7746 Datasheet HTML 20Page - Analog Devices AD7746 Datasheet HTML 21Page - Analog Devices AD7746 Datasheet HTML 22Page - Analog Devices AD7746 Datasheet HTML 23Page - Analog Devices AD7746 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 20 of 28
CIRCUIT DESCRIPTION
DIGITAL
FILTER
24-BIT
Σ-∆
MODULATOR
CLOCK
GENERATOR
MUX
TEMP
SENSOR
CAP DAC
CAP DAC
VOLTAGE
REFERENCE
CONTROL LOGIC
CALIBRATION
AD7745
VDD
REFIN(+) REFIN(–)
GND
SDA
SCL
RDY
VIN(+)
VIN(–)
CIN1(+)
CIN1(–)
EXCA
EXCB
I2C
SERIAL
INTERFACE
EXCITATION
Figure 26. AD7745 Block Diagram
DIGITAL
FILTER
24-BIT
Σ-∆
MODULATOR
MUX
TEMP
SENSOR
CAP DAC
CAP DAC
VOLTAGE
REFERENCE
CONTROL LOGIC
CALIBRATION
AD7746
VDD
REFIN(+) REFIN(–)
GND
SDA
SCL
RDY
VIN(+)
VIN(–)
CIN1(+)
CIN1(–)
CIN2(+)
CIN2(–)
EXC1
EXC2
CLOCK
GENERATOR
I2C
SERIAL
INTERFACE
EXCITATION
Figure 27. AD7746 Block Diagram
OVERVIEW
The AD7745/AD7746 core is a high precision converter con-
sisting of a second order (Σ-Δ or charge balancing) modulator
and a third order digital filter. It works as a CDC for the capa-
citive inputs and as a classic ADC for the voltage input or for
the voltage from a temperature sensor.
In addition to the converter, the AD7745/AD7746 integrates a
multiplexer, an excitation source and CAPDACs for the capa-
citive inputs, a temperature sensor, a voltage reference for the
voltage and temperature inputs, a complete clock generator, a
control and calibration logic, and an I2C-compatible serial
interface.
The AD7745 has one capacitive input, while the AD7746 has
two capacitive inputs. All other features and specifications are
identical for both parts.
CAPACITANCE-TO-DIGITAL CONVERTER
Figure 28 shows the CDC simplified functional diagram. The
measured capacitance CX is connected between the excitation
source and the Σ-Δ modulator input. A square-wave excitation
signal is applied on the CX during the conversion and the
modulator continuously samples the charge going through the
CX. The digital filter processes the modulator output, which is a
stream of 0s and 1s containing the information in 0 and 1
density. The data from the digital filter is scaled, applying the
calibration coefficients, and the final result can be read through
the serial interface.
The AD7745/AD7746 is designed for floating capacitive
sensors. Therefore, both CX plates have to be isolated from
ground.
DIGITAL
FILTER
24-BIT
Σ-∆
MODULATOR
CLOCK
GENERATOR
CAPACITANCE TO DIGITAL CONVERTER
(CDC)
EXCITATION
DATA
EXC
CIN
CX
Figure 28. CDC Simplified Block Diagram
EXCITATION SOURCE
The two excitation pins EXCA and EXCB are independently
programmable. They are identically functional and therefore
either of them can be used for the capacitive sensor excitation.
On the 2-channel AD7746 using a separate excitation pin for
each capacitive channel is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com