Electronic Components Datasheet Search
  English  ▼

X  

AD7746 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7746
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746 Datasheet(HTML) 3 Page - Analog Devices

  AD7746 Datasheet HTML 1Page - Analog Devices AD7746 Datasheet HTML 2Page - Analog Devices AD7746 Datasheet HTML 3Page - Analog Devices AD7746 Datasheet HTML 4Page - Analog Devices AD7746 Datasheet HTML 5Page - Analog Devices AD7746 Datasheet HTML 6Page - Analog Devices AD7746 Datasheet HTML 7Page - Analog Devices AD7746 Datasheet HTML 8Page - Analog Devices AD7746 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 3 of 28
SPECIFICATIONS
VDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V; GND = 0 V; EXC = 32 kHz; EXC = ±VDD/2; –40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CAPACITIVE INPUT
Conversion Input Range
±4.096
pF1
Factory calibrated
Integral Nonlinearity (INL)2
±0.01
% of FSR
No Missing Codes2
24
Bit
Conversion time ≥ 62 ms
Resolution, p-p
16.5
Bit
Conversion time = 62 ms, see Table 5
Resolution Effective
19
Bit
Conversion time = 62 ms, see Table 5
Output Noise, rms
2
aF/
√Hz
See Table 5
Absolute Error3
±4
fF1
25°C, VDD = 5 V, after offset calibration
Offset Error2, 4
32
aF1
After system offset calibration,
Excluding effect of noise4
System Offset Calibration Range2
±1
pF
Offset Drift vs. Temperature
–1
aF/°C
Gain Error5
0.02
0.08
% of FS
25°C, VDD = 5 V
Gain Drift vs. Temperature2
–28
–26
–24
ppm of FS/°C
Allowed Capacitance to GND2
60
pF
See Figure 9 and Figure 10
Power Supply Rejection
0.3
1
fF/V
Normal Mode Rejection
65
dB
50 Hz ± 1%, conversion time = 62 ms
55
dB
60 Hz ± 1%, conversion time = 62 ms
Channel-to-Channel Isolation
70
dB
AD7746 only
CAPDAC
Full Range
17
21
pF
Resolution6
164
fF
7-bit CAPDAC
Drift vs. Temperature2
24
26
28
ppm of FS/°C
EXCITATION
Frequency
32
kHz
Voltage Across Capacitance
±VDD/8
V
Configurable via digital interface
±VDD/4
V
±VDD
× 3/8
V
±VDD/2
V
Average DC Voltage Across
Capacitance
<±40
mV
Allowed Capacitance to GND2
100
pF
See Figure 11
TEMPERATURE SENSOR7
VREF internal
Resolution
0.1
°C
Error2
±0.5
±2
°C
Internal temperature sensor
±2
°C
External sensing diode8
VOLTAGE INPUT7
VREF internal or VREF = 2.5 V
Differential VIN Voltage Range
±VREF
V
Absolute VIN Voltage2
GND − 0.03
VDD + 0.03
V
Integral Nonlinearity (INL)
±3
±15
ppm of FS
No Missing Codes2
24
Bit
Conversion time = 122.1 ms
Resolution, p-p
16
Bits
Conversion time = 62 ms
See Table 6 and Table 7
Output Noise
3
µV rms
Conversion time = 62 ms
See Table 6 and Table 7
Offset Error
±3
µV
Offset Drift vs. Temperature
15
nV/°C
Full-Scale Error2, 9
0.025
0.1
% of FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com