Electronic Components Datasheet Search
  English  ▼

X  

AD7746 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7746
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7746 Datasheet HTML 15Page - Analog Devices AD7746 Datasheet HTML 16Page - Analog Devices AD7746 Datasheet HTML 17Page - Analog Devices AD7746 Datasheet HTML 18Page - Analog Devices AD7746 Datasheet HTML 19Page - Analog Devices AD7746 Datasheet HTML 20Page - Analog Devices AD7746 Datasheet HTML 21Page - Analog Devices AD7746 Datasheet HTML 22Page - Analog Devices AD7746 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 19 of 28
CAP DAC A REGISTER
Address Pointer 0x0B, Default Value 0x00
Capacitive DAC setup.
Table 19. Cap DAC A Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
DACAENA
DACA—7-Bit Value
Default
0
0x00
Table 20.
Bit
Mnemonic
Description
7
DACAENA
DACAENA = 1 connects capacitive DACA to the positive capacitance input.
6-1
DACA
DACA value, Code 0x00
≈ 0 pF, Code 0x7F ≈ full range.
CAP DAC B REGISTER
Address Pointer 0x0C, Default Value 0x00
Capacitive DAC setup.
Table 21. Cap DAC B Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
DACBENB
DACB—7-bit value
Default
0
0x00
Table 22.
Bit
Mnemonic
Description
7
DACBENB
DACBENB = 1 connects capacitive DACB to the negative capacitance input.
6-1
DACB
DACB value, Code 0x00
≈ 0 pF, Code 0x7F ≈ full range.
CAP OFFSET CALIBRATION REGISTER
16 Bits, Address Pointer 0x0D, 0x0E,
Default Value 0x8000
The capacitive offset calibration register holds the capacitive
channel zero-scale calibration coefficient. The coefficient is
used to digitally remove the capacitive channel offset. The
register value is updated automatically following the execution
of a capacitance offset calibration. The capacitive offset calibra-
tion resolution (cap offset register LSB) is less than 32 aF; the
full range is 1 pF.
On the AD7746, the register is shared by the two capacitive
channels. If the capacitive channels need to be offset-calibrated
individually, the host controller software should read the
AD7746 capacitive offset calibration register values after
performing the offset calibration on individual channels and
then reload the values back to the AD7746 before executing
conversion on a different channel.
CAP GAIN CALIBRATION REGISTER
16 Bits, Address Pointer 0x0F, 0x10,
Default Value 0xXXXX
Capacitive gain calibration register. The register holds the
capacitive channel full-scale factory calibration coefficient.
On the AD7746, the register is shared by the two capacitive
channels.
VOLT GAIN CALIBRATION REGISTER
16 Bits, Address Pointer 0x11,0x12,
Default Value 0xXXXX
Voltage gain calibration register. The register holds the voltage
channel full-scale factory calibration coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com