Electronic Components Datasheet Search
  English  ▼

X  

BGY925 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGY925
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY925 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGY925 Datasheet HTML 1Page - NXP Semiconductors BGY925 Datasheet HTML 2Page - NXP Semiconductors BGY925 Datasheet HTML 3Page - NXP Semiconductors BGY925 Datasheet HTML 4Page - NXP Semiconductors BGY925 Datasheet HTML 5Page - NXP Semiconductors BGY925 Datasheet HTML 6Page - NXP Semiconductors BGY925 Datasheet HTML 7Page - NXP Semiconductors BGY925 Datasheet HTML 8Page - NXP Semiconductors BGY925 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Feb 02
5
Philips Semiconductors
Product specification
UHF amplifier module
BGY925
handbook, halfpage
800
900
f (MHz)
Gp
(dB)
1000
1100
35
25
20
30
MCD834
Fig.6
Small signal in band power gain as a
function of frequency; typical values.
ZS =ZL =50 Ω; PD = −30 dBm; VS1 =VS2 =26V; Tmb =25 °C.
handbook, halfpage
800
900
f (MHz)
Return
Losses
(dB)
1000
1100
0
−20
−4
−8
−12
−16
MCD835
Fig.7
Small signal in band input return losses as
a function of frequency; typical values.
ZS =ZL =50 Ω; PD = −30 dBm; VS1 =VS2 =26V; Tmb =25 °C.
handbook, halfpage
0
f (MHz)
Gp
(dB)
500
1500
40
20
−80
−60
−40
−20
0
1000
MCD836
Fig.8
Small signal out band power gain as a
function of frequency; typical values.
ZS =ZL =50 Ω; VS1 =VS2 =26V; PD = −30 dBm; Tmb =25 °C.
handbook, halfpage
010
(1)
(4)
(5)
PL (W)
Gp
(dB)
20
40
34
24
32
30
30
28
26
MCD837
(7)
(6)
(3)
(2)
Fig.9
Power gain as a function of load power;
typical values
ZS =ZL =50 Ω; VS1 =VS2 = 26 V; Tmb =25 °C.
(1) Tamb = −33°C.
(2) Tamb = −20°C.
(3) Tamb =3°C.
(4) Tamb =25°C.
(5) Tamb =50°C.
(6) Tamb =75°C.
(7) Tamb = 100°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com