Electronic Components Datasheet Search
  English  ▼

X  

BGY925 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY925
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY925 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY925 Datasheet HTML 1Page - NXP Semiconductors BGY925 Datasheet HTML 2Page - NXP Semiconductors BGY925 Datasheet HTML 3Page - NXP Semiconductors BGY925 Datasheet HTML 4Page - NXP Semiconductors BGY925 Datasheet HTML 5Page - NXP Semiconductors BGY925 Datasheet HTML 6Page - NXP Semiconductors BGY925 Datasheet HTML 7Page - NXP Semiconductors BGY925 Datasheet HTML 8Page - NXP Semiconductors BGY925 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Feb 02
3
Philips Semiconductors
Product specification
UHF amplifier module
BGY925
CHARACTERISTICS
ZS =ZL =50 Ω; PL = 23 W; VS1 =VS2 = 26 V; Tmb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
frequency range
920
−
960
MHz
IS1
supply current
−
50
−
mA
IS2
supply current
PD < −60 dBm
−
500
−
mA
PL
load power
23
−−
W
Gp
power gain
160 mW
≤ P
L < 2 W
283034dB
2W
≤ PL ≤ 23 W
283032dB
η
efficiency
PL =16W
30
−−
%
H2
second harmonic
PL =16W
−−−35
dBc
H3
third harmonic
PL =16W
−−−40
dBc
VSWRin
input VSWR
−−
2:1
stability
VSWR
≤ 3 : 1 through all phases;
VS2 =26to27V; PL =23W
−−−60
dBc
reverse intermodulation
Pcarrier = 16 W; Pinterference = 1.6 µW;
fi =fc ± 600 kHz
−−80
−
dBc
direct intermodulation
Pcarrier = 16 W; Pinterference = 1.6 mW;
fi =fc + 270 kHz
−−55
−
dBc
NF
noise figure
8
dBc
B
AM bandwidth
corner frequency=3dB;
Pcarrier = 16 W; modulation = 20%
2
−−
MHz
ruggedness
VSWR
≤ 5 : 1 through all phases;
VS2 =26V; PL =23W
no degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com