Electronic Components Datasheet Search
  English  ▼

X  

BGY925 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGY925
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY925 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGY925 Datasheet HTML 4Page - NXP Semiconductors BGY925 Datasheet HTML 5Page - NXP Semiconductors BGY925 Datasheet HTML 6Page - NXP Semiconductors BGY925 Datasheet HTML 7Page - NXP Semiconductors BGY925 Datasheet HTML 8Page - NXP Semiconductors BGY925 Datasheet HTML 9Page - NXP Semiconductors BGY925 Datasheet HTML 10Page - NXP Semiconductors BGY925 Datasheet HTML 11Page - NXP Semiconductors BGY925 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2000 Feb 02
9
Philips Semiconductors
Product specification
UHF amplifier module
BGY925
List of components (See Figs 14 and 15)
Note
1. The striplines are on a double copper-clad printed-circuit board with epoxy dielectric (
ε
r = 4.5); thickness = 1 mm.
COMPONENT
DESCRIPTION
VALUE
CATALOGUE NO.
C1, C2
electrolytic capacitor
10
µF; 35 V
C3, C4
multilayer ceramic chip capacitor
100 nF; 50 V
L1, L2
Grade 4S2 Ferroxcube bead
4330 030 36300
R1, R2
metal film resistor
10
Ω; 0.4 W
2322 195 13109
Z1, Z2
stripline; note 1
50
Ω
MOUNTING RECOMMENDATIONS
To ensure a good thermal contact and to prevent
mechanical stress when bolted down, the flatness of the
mounting base is designed to be typically better than
0.1 mm. The mounting area of the heatsink should be flat
and free from burrs and loose particles. The heatsink
should be rigid and not prone to bowing under thermal
cycling conditions. The thickness of a solid heatsink
should be not less than 5 mm to ensure a rigid assembly.
A thin, even layer of thermal compound should be applied
between the mounting base and the heatsink to achieve
the best possible thermal contact resistance. Excessive
use of thermal compound will result in an increase in
thermal resistance and possible bowing of the
mounting-base; too little will also result in poor thermal
conduction.
The module should be mounted to the heatsink using
3 mm bolts with flat washers. The bolts should first be
tightened to “finger tight” and then further tightened in
alternating steps to a maximum torque of 0.4 to 0.6 Nm.
Once mounted on the heatsink, the module leads can be
soldered to the printed-circuit board. A soldering iron may
be used up to a temperature of 250
°C for a maximum of
10 seconds at a distance of 2 mm from the plastic cap.
ESD precautions must be taken to protect the device from
electrostatic damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com