Electronic Components Datasheet Search
  English  ▼

X  

BGY925 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGY925
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY925 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGY925 Datasheet HTML 2Page - NXP Semiconductors BGY925 Datasheet HTML 3Page - NXP Semiconductors BGY925 Datasheet HTML 4Page - NXP Semiconductors BGY925 Datasheet HTML 5Page - NXP Semiconductors BGY925 Datasheet HTML 6Page - NXP Semiconductors BGY925 Datasheet HTML 7Page - NXP Semiconductors BGY925 Datasheet HTML 8Page - NXP Semiconductors BGY925 Datasheet HTML 9Page - NXP Semiconductors BGY925 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000 Feb 02
6
Philips Semiconductors
Product specification
UHF amplifier module
BGY925
handbook, halfpage
−50
0
Tamb (°C)
η
(%)
100
50
0
50
10
20
30
40
MCD838
Fig.10 Efficiency as a function of ambient
temperature; typical values.
ZS =ZL =50 Ω; PL = 16 W; VS1 =VS2 =26V.
handbook, halfpage
−50
0
Tamb (°C)
IS2
(A)
100
0.5
0
50
0.1
0.2
0.3
0.4
MCD839
Fig.11 Quiescent current as a function of ambient
temperature; typical values.
ZS =ZL =50 Ω; VS1 =VS2 = 26 V; PD =0.
handbook, halfpage
0
−50
0
Tamb (°C)
PL(−1db)
(W)
100
40
30
10
20
50
MCD840
Fig.12 Load power at
−1 dB gain as a function of
ambient temperature; typical values.
ZS =ZL =50 Ω; Pref = 5 W; VS1 =VS2 =26V.
handbook, halfpage
−50
0
Tamb (°C)
Gp
(dB)
100
34
24
50
26
28
30
32
MCD841
Fig.13 Power gain as a function of ambient
temperature; typical values.
ZS =ZL =50 Ω; PL = 5 W; VS1 =VS2 =26V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com