Electronic Components Datasheet Search
  English  ▼

X  

LEG Datasheet(PDF) 18 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 18 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 14Page - Sensata Technologies, Inc. LEG Datasheet HTML 15Page - Sensata Technologies, Inc. LEG Datasheet HTML 16Page - Sensata Technologies, Inc. LEG Datasheet HTML 17Page - Sensata Technologies, Inc. LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SPECIFICATIONS
Trip Free
Will trip open on overload, even when forcibly held in the ON position. This
prevents the operator from damaging the circuit by holding on the protector.
Trip Indication
The operating handle moves positively to the OFF position on overload.
Ambient Operation
IAG/IUG/IEG/CEG/LEG protectors operate in temperatures between –40° C to
+85° C.
Insulation Resistance
Not less than 100 megohms at 500 volts DC.
Dielectric Strength
IAG/IUG/IEG/CEG/LEG protectors withstand 3750Vac, 60Hz for 60 seconds
between all electrically isolated terminals, except auxiliary switch terminals
shall withstand 600Vac, 60Hz for REG and REC types. Four terminal dual coil and
relay construction (not offered in the IEG) will withstand 1500Vac.
Endurance
Operating as a switch, the operating life exceeds 10,000 operations at a rate of
6 per minute when tested as follows: 6000 OPS @ rated current plus 4000 OPS
@ at no load.
Electrical Characteristics
.050-50 amperes; 80Vdc Max., 240Vac Max., 50/60Hz and .050-30 amperes:
250Vac Max., 400Hz. Units above 30 amps are not suitable for across-the-line
motor starting.
Auxiliary Switch
When supplied shall be SPDT configuration. Non VDE approved switches have
a maximum UL rating of 10.0 amperes, 250 volts, 60Hz; 3.0 amperes, 50 volts DC,
1 amperes, 80 volts DC (REC) type or 0.1 amperes, 125 volts, 60Hz. (REG type).
VDE approved switches have a maximum UL rating of 10.0 amperes, 250 volts,
60Hz, 1 amperes, 80 volts DC (REG type); or 0.1 amperes, 125 volts, 60Hz (REG
type); or 0.1 amperes, 125 volts, 60Hz (REG type).
Moisture Resistance
Meets all the requirements of MIL-PRF-55629 when tested in accordance with
Method 106 of MIL-STD-202.
Salt Spray (Corrosion)
Meets the requirements of MIL-PRF-55629 when tested in accordance with
Method 101 of MIL-STD-202.
Shock
Circuit protectors shall not trip when tested per MIL-STD-202, Method 213, Test
Condition I with 100% rated current applied to delayed units, except 90% current in
plane 4 (i.e., handle down). Instantaneous units shall have 80% rated current
applied in all planes.
Construction
Series, shunt, relay and series with auxiliary switch available in various delays
and combinations.
Vibration
Circuit protector shall not trip when vibrated per MIL-STD-202, Method 204, Test
Condition A with 100% rated current applied to delayed units and 80% rated
current to instantaneous units.
VDE Approval
IEG is VDE approved under VDE 0642 (EN60934). The IEG has 8mm creepage and
clearance between the main circuit and the following areas:
A. Operator accessible area around the handle.
B. The mounting inserts or brackets.
C. The auxiliary switch circuit.
D. Between poles.
Care must be taken to maintain spacings at the terminals when wired. The VDE
approval for standard terminals is not for use with bare wire. A crimp type lug is
required. In addition, all VDE approved units will be in compliance with specific
CE Directives. These units will be marked as CE Compliant.
UL1500 (Marine Ignition Protected)
IDG/IDGH is approved for Marine Ignition Protection
UL489A Listed
The CEG is dimensionally the same as the popular IEG, but provides UL listing to
UL489A. Available in one to three poles, in series, series with auxiliary switch,
shunt, dual coil and voltage trip configurations. As a circuit breaker, the CEG
provides communication equipment manufacturers with a UL listed circuit
breaker in a very compact package that meets the stringent environmental
requirements of today’s marketplace. This makes the CEG ideal for switching,
transmission and wireless applications.
UL489 Listed
The LEG is dimensionally the same as the popular IEG, but provides UL listing to
UL489. Available with one or two poles, in series, series with auxiliary switch,
shunt and three-terminal dual coil configurations. As a circuit breaker, the LEG
provides equipment manufacturers with a UL listed magnetic hydaulic circuit
breaker in the most compact package available on the market.
APPROXIMATE WEIGHT PER POLE (1 TO 6 POLES AVAILABLE)
Ounces
Grams
2.2
62.4
RECOMMENDED TORQUE SPECIFICATIONS
Component
Torque (in-lbs)
6-32 Mounting Inserts
6 to 8
M3 Mounting Screws
4 to 5
8-32 Screw Terminals
10 to 12
M4 Terminal Screws
10 to 12
10-32 Screw Terminals
14 to 15
M5 Screw Terminals
14 to 15
1/2 - 32 Mounting Bushing
30 to 35
Where applicable, mechanical support must be provide to the terminals when
applying torque
IAG Series - Specifications
http://airpax.sensata.com
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com