Electronic Components Datasheet Search
  English  ▼

X  

LEG Datasheet(PDF) 19 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 19 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 15Page - Sensata Technologies, Inc. LEG Datasheet HTML 16Page - Sensata Technologies, Inc. LEG Datasheet HTML 17Page - Sensata Technologies, Inc. LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. LEG Datasheet HTML 23Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
General notes:
All supplementary protectors are of the overcurrent (OC) type
The family of protectors has been evaluated for end use application for use groups (UG) A, B, C and D
The terminals (FW) are suitable for factory wiring only (0)
The maximum voltage ratings for which the protectors have been tested are shown in the chart
The current is the amperage range that the protectors have been tested
The tripping current (TC) for all of the protectors is “1” (in the range of 125% to 135% of ampere rating
except for the 400Hz protectors which is “2” (more than 135% of ampere rating)
The overload rating (OL) - designates whether the protector has been tested for general use or motor
starting applications.
0 – tested at 1.5 times amp rating for general use
1 – tested at 6 times AC rating or 10 times DC rating for motor starting
The short circuit current rating (SC) – The short circuit rating in amperes following a letter and number
designating the test conditions and any calibration following the short circuit test is defined below:
C – Indicates short circuit test was conducted with series overcurrent protection
U – Indicates short circuit test was conducted without series overcurrent protection
1 – Indicates a recalibration was not conducted as part of the short circuit testing
2 – Indicates a recalibration was performed as part of the short circuit testing
3 – Indicates recalibration was performed along with the dielectric and voltage withstand for “Suitable for
Further Use” rating
AGENCY APPROVALS
IAG/IUG/IEG Supplementary Protectors
Rated Current (Amps)
Short Circuit Rating (SC), Amps
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL1077 & CSA
TÜV
80
DC
—
1
.02 to 50
.10 to 30
U2, 7500
4000
125
50/60
1
1
.02 to 50
—
U2, 3000
—
125
50/60
1
1
.02 to 30
—
C1, 5000(3)
—
125
50/60
1
1
.02 to 50
—
U3, 1000
—
125 / 250
50/60
1
2
.02 to 50
—
U1, 3000
—
125 / 250
50/60
1
1
2/1 - 30/15
—
C2, 5000(1)
—
240
50/60
1 & 3
1
.02 to 50
—
U1, 2000
—
240
50/60
1 & 3
1
.02 to 50
—
C2, 5000(1)
—
250
50/60
1
1
.02 to 2
—
U2, 5000
—
250
50/60
1 & 3
1
.02 to 30
.10 to 50
U1, 2000
2000
250
50/60
1 & 3
1
.02 to 30
—
C2, 3500(2)
—
250 (4)
50/60
1 & 3
1
.02 to 30
—
C1, 3500(2)
—
250 (4)
50/60
1 & 3
1
.02 to 30
—
U1, 1000
—
250 (5)
50/60
1
2
.02 to 50
—
U3, 1000
—
250 (5)
50/60
3
3
.02 to 50
—
U3, 1000
—
277
50/60
1
1
.02 to 30
—
U2, 2000
—
277
50/60
1
1
.02 to 30
—
C2, 5000(2)
—
250
400
1 & 3
1
.02 to 30
—
U2, 1500
—
250
400
3
—
.02 to 30
—
U3, 200
—
IDG Supplementary Protectors
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL1077 & CSA
TÜV
48
DC
—
1
.02-50
—
U2, 5000
—
65
DC
—
1
.02-50
—
U2, 3000
—
125
50/60
1
1
.02-50
—
U2, 2000
—
125/250
50/60
1
2
.02-50
—
U2, 1500
—
250
50/60
1 & 3
1
.02-30
—
U1, 1000
—
CEG Communications Equipment Circuit Breakers
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL489A
TÜV
80
DC
—
1
.05-15
—
5000
—
LEG Circuit Breakers
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL489
TÜV
125
50/60
1
1
.05-30
.10-30
5000
2000
120/240
50/60
1
2
1-30
.10-30
5000
2000
Notes:
(1) With 125 A max. series fuse; (2) With 80 A max. series fuse; (3) With 50 A max. circuit breaker; (4) With blocked vent construction;
(5) Non-standard construction. “Fit for further use” approval
IAG Series - Specifications
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com