Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF175
Description  HF/VHF power MOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF175 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 3Page - NXP Semiconductors BLF175 Datasheet HTML 4Page - NXP Semiconductors BLF175 Datasheet HTML 5Page - NXP Semiconductors BLF175 Datasheet HTML 6Page - NXP Semiconductors BLF175 Datasheet HTML 7Page - NXP Semiconductors BLF175 Datasheet HTML 8Page - NXP Semiconductors BLF175 Datasheet HTML 9Page - NXP Semiconductors BLF175 Datasheet HTML 10Page - NXP Semiconductors BLF175 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
September 1992
7
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF175
Fig.11 Power gain as a function of frequency,
typical values.
Class-A operation; VDS = 50 V; IDQ = 0.8 A;
PL = 8 W (PEP); RGS = 24 Ω; f1 − f2 = 1 MHz.
handbook, halfpage
010
20
40
40
30
10
0
20
MGP071
30
Gp
(dB)
f (MHz)
Fig.12 Third order intermodulation distortion as a
function of frequency, typical values.
Class-A operation; VDS = 50 V; IDQ = 0.8 A;
PL = 8 W (PEP); RGS = 24 Ω; f1 − f2 = 1 MHz.
handbook, halfpage
010
20
40
−20
−60
−40
MGP072
30
d3
(dB)
f (MHz)
Fig.13 Test circuit for class-A operation.
f = 28 MHz.
handbook, full pagewidth
MGP073
50
Ω
input
C1
C2
T1
C3
D.U.T.
L4
L1
L2
R1
+VG
+VD
C9
L3
R3
R2
C4
C7
C8
C6
C5
50
Ω
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com