Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF175
Description  HF/VHF power MOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF175 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 7Page - NXP Semiconductors BLF175 Datasheet HTML 8Page - NXP Semiconductors BLF175 Datasheet HTML 9Page - NXP Semiconductors BLF175 Datasheet HTML 10Page - NXP Semiconductors BLF175 Datasheet HTML 11Page - NXP Semiconductors BLF175 Datasheet HTML 12Page - NXP Semiconductors BLF175 Datasheet HTML 13Page - NXP Semiconductors BLF175 Datasheet HTML 14Page - NXP Semiconductors BLF175 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
September 1992
11
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF175
Fig.17 Third order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.15 A;
RGS = 22 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
204060
0
−20
−60
−40
MGP078
d3
(dB)
PL (W) PEP
Fig.18 Fifth order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.15 A;
RGS = 22 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
204060
0
−20
−60
−40
MGP079
d5
(dB)
PL (W) PEP
Fig.19 Test circuit for class-AB operation.
f = 28 MHz.
handbook, full pagewidth
,,
,,
,,
C9
C12
R3
L6
+VD
50
Ω
output
C11
C10
C8
C7
L5
C6
L3
D.U.T.
L2
C5
R1
R2
+VG
C4
L1
C3
C2
C1
50
Ω
output
MGP080
L4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com