Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # BLF175
Description  HF/VHF power MOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF175 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 10Page - NXP Semiconductors BLF175 Datasheet HTML 11Page - NXP Semiconductors BLF175 Datasheet HTML 12Page - NXP Semiconductors BLF175 Datasheet HTML 13Page - NXP Semiconductors BLF175 Datasheet HTML 14Page - NXP Semiconductors BLF175 Datasheet HTML 15Page - NXP Semiconductors BLF175 Datasheet HTML 16Page - NXP Semiconductors BLF175 Datasheet HTML 17Page - NXP Semiconductors BLF175 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
September 1992
14
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF175
Fig.21 Input impedance as a function of frequency
(series components), typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.15 A;
PL = 30 W (PEP); RGS =22 Ω.
handbook, halfpage
010
20
40
30
20
10
−10
−20
0
MGP083
30
ri
xi
Zi
(
Ω)
f (MHz)
Fig.22 Load impedance as a function of frequency
(series components), typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.15 A;
PL = 30 W (PEP); RGS =22 Ω.
handbook, halfpage
010
20
30
50
0
40
MGP084
30
20
10
RL
XL
ZL
(
Ω)
f (MHz)
Fig.23 Power gain as a function of frequency,
typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.15 A;
PL = 30 W (PEP); RGS =22 Ω.
handbook, halfpage
0
102030
30
20
10
0
MGP085
Gp
(dB)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com