Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF175
Description  HF/VHF power MOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF175 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 6Page - NXP Semiconductors BLF175 Datasheet HTML 7Page - NXP Semiconductors BLF175 Datasheet HTML 8Page - NXP Semiconductors BLF175 Datasheet HTML 9Page - NXP Semiconductors BLF175 Datasheet HTML 10Page - NXP Semiconductors BLF175 Datasheet HTML 11Page - NXP Semiconductors BLF175 Datasheet HTML 12Page - NXP Semiconductors BLF175 Datasheet HTML 13Page - NXP Semiconductors BLF175 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
September 1992
10
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF175
APPLICATION INFORMATION FOR CLASS-AB OPERATION
Th = 25 °C; Rth mb-h = 0.3 K/W; unless otherwise specified.
RF performance in SSB operation in a common source circuit.
f1 = 28.000 MHz; f2 = 28.001 MHz.
PL
(W)
f
(MHz)
VDS
(V)
IDQ
(mA)
GP
(dB)
ηD
(%)
d3
(dB)
(note 1)
d5
(dB)
(note 1)
RGS
(
Ω)
30 (PEP)
28
50
150
typ. 24
typ. 40
(note 2)
typ.
−35
typ.
−40
22
Notes
1. Stated figures are maximum values encountered at
any driving level between the specified value of PEP
and are referred to the according level of either the
equal amplified tones. Related to the according peak
envelope power these figures should be decreased by
6 dB.
2. 2-tone efficiency.
Ruggedness in class-AB operation
The BLF175 is capable of withstanding a load mismatch
corresponding to VSWR = 50 through all phases at
PL = 30 W single tone under the following conditions:
VDS = 50 V; f = 28 MHz.
Fig.15 Power gain as a function of load power,
typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.15 A;
RGS = 22 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
204060
28
26
22
20
24
MGP076
Gp
(dB)
PL (W) PEP
Fig.16 Two tone efficiency as a function of load
power, typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.15 A;
RGS = 22 Ω;f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
204060
60
50
30
20
40
MGP077
η
D
(%)
PL (W) PEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com