Electronic Components Datasheet Search
  English  ▼

X  

LR38637 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LR38637
Description  Digital Signal Processor For VGA/CIF CMOS Image Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38637 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LR38637 Datasheet HTML 3Page - Sharp Corporation LR38637 Datasheet HTML 4Page - Sharp Corporation LR38637 Datasheet HTML 5Page - Sharp Corporation LR38637 Datasheet HTML 6Page - Sharp Corporation LR38637 Datasheet HTML 7Page - Sharp Corporation LR38637 Datasheet HTML 8Page - Sharp Corporation LR38637 Datasheet HTML 9Page - Sharp Corporation LR38637 Datasheet HTML 10Page - Sharp Corporation LR38637 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
LR38637
PIN TYPE (MAX. OUTPUT CURRENT)
REMARKS :
APPLICABLE PINS
NOTES :
1. Be careful that an input pin doesn't have a floating
potential.
2. Be careful not to have a floating potential when an I/O
pin is set to input.
3. Keep test pins TEST1Z to TEST4Z normally open or
"High level".
4. Keep test pins TEST5Z to TEST9Z normally open.
5. SDA and SDC are input pins at resetting (ACL is Low
level).
6. SDA and SDC are N-ch open-drain outputs, so use
them with external pulled-up resistor.
7. When an IOCTRL pin is at High condition, the image
output pins (Y0 to Y7, UV0 to UV7) are input pins.
8. The output form of the image output pins (Y0 to Y7, UV0
to UV7) can be changed by parameter setting.
+3.0 V output pin (10 m A)
CSTDBYO
+3.0 V I/O pin (3 mA) or output pin (3 mA)
SDA, SDC, SDI, SCLK, SLOAD, CHD, CVD, SCKO, Y0 to Y7,
UV0 to UV7, RCLK, HREF, VS, RCLK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com