Electronic Components Datasheet Search
  English  ▼

X  

LR38637 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR38637
Description  Digital Signal Processor For VGA/CIF CMOS Image Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38637 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LR38637 Datasheet HTML 2Page - Sharp Corporation LR38637 Datasheet HTML 3Page - Sharp Corporation LR38637 Datasheet HTML 4Page - Sharp Corporation LR38637 Datasheet HTML 5Page - Sharp Corporation LR38637 Datasheet HTML 6Page - Sharp Corporation LR38637 Datasheet HTML 7Page - Sharp Corporation LR38637 Datasheet HTML 8Page - Sharp Corporation LR38637 Datasheet HTML 9Page - Sharp Corporation LR38637 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LR38637
6
PIN NO.
SYMBOL
DESCRIPTION
IO SYMBOL
74
NC
–
Must be open.
75
NC
–
Must be open.
76
UV5
IO4
Digital video output. (NOTE 8)
77
UV6
IO4
Digital video output. (NOTE 8)
78
UV7
IO4
Digital video output. (NOTE 8)
79
DGND
–
Ground
80CKO
OSC
System clock oscillator output
81
CKI
IA
System clock oscillator input
82
EXTCLK
IAC
Connect to High level (+3.0 V) .
83
DVDD2
–
I/O power supply (+3.0 V)
84
RCLK
O4
Clock output synchronized with digital video output
85
HREF
O4
Horizontal blank pulse of digital video output
86
DVDD
–
Internal power supply (+2.5 V)
87
VS
O4
Vertical blank pulse of digital video output
88
RCLK2
O4
Separated video output
89
DGND
–
Ground
90TEST1Z
IU
Test input (Must be open.) (NOTE 3)
91
TEST2Z
IU
Test input (Must be open.) (NOTE 3)
92
TEST3Z
IU
Test input (Must be open.) (NOTE 3)
93
TEST4Z
IU
Test input (Must be open.) (NOTE 3)
94
MODE1
I
Connect to Low level (+0.0 V).
95
DVDD2
–
I/O power supply (+3.0 V)
96
NC
–
Must be open.
97
NC
–
Must be open.
98
NC
–
Must be open.
99
NC
–
Must be open.
100
NC
–
Must be open.
I
: Input pin
IL
: Input pin
IS
: Schmidt input pin
IU
: Input pin with pull-up resistor
O4
: Output pin
O12 : Output pin
IO4 : Input/output pin
IOL4 : Schmidt input/output pin (Nch open drain)
IA
: Input pin for oscillation
OSC : Output pin for oscillation
IAC : Input pin for external clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com