Electronic Components Datasheet Search
  English  ▼

X  

LR38637 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR38637
Description  Digital Signal Processor For VGA/CIF CMOS Image Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38637 Datasheet(HTML) 4 Page - Sharp Corporation

  LR38637 Datasheet HTML 1Page - Sharp Corporation LR38637 Datasheet HTML 2Page - Sharp Corporation LR38637 Datasheet HTML 3Page - Sharp Corporation LR38637 Datasheet HTML 4Page - Sharp Corporation LR38637 Datasheet HTML 5Page - Sharp Corporation LR38637 Datasheet HTML 6Page - Sharp Corporation LR38637 Datasheet HTML 7Page - Sharp Corporation LR38637 Datasheet HTML 8Page - Sharp Corporation LR38637 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LR38637
4
PIN DESCRIPTION
PIN NO.
SYMBOL
DESCRIPTION
IO SYMBOL
1
DGND
–
Ground
2
TEST5Z
–
Test input (Must be open.) (NOTE 4)
3
TEST6Z
–
Test input (Must be open.) (NOTE 4)
4
TEST7Z
–
Test input (Must be open.) (NOTE 4)
5
TEST8Z
–
Test input (Must be open.) (NOTE 4)
6
TEST9Z
–
Test input (Must be open.) (NOTE 4)
7DVDD
–
Internal power supply (+2.5 V)
8
DGND
–
Ground
9
STDBY
IL
Standby mode control
Low level input : The LR38637 and CMOS image sensor are in normal mode.
High level input : The LR38637 and CMOS image sensor are in standby mode.
10SDA
IOL4
DSP serial data input/output (NOTE 5, 6)
11
SDC
IOL4
DSP serial clock input/output (NOTE 5, 6)
12
DVDD2
–
I/O power supply (+3.0 V)
13
DVDD
–
Internal power supply (+2.5 V)
14
DVDD2
–
I/O power supply (+3.0 V)
15
DAS
I
DSP DAS device address input
16
EEPINIT
I
Control of auto reading from EEPROM.
Low level input : The LR38637 does NOT read automatically from EEPROM.
High level input : The LR38637 reads automatically from EEPROM.
17
MITYPE
I
Connect to High level (+3.0 V).
18
SDI
O4
Serial data output for CMOS image sensor
19
SCLK
O4
Serial clock output for CMOS image sensor
20SLOAD
O4
Serial load output for CMOS image sensor
21
NC
–
Must be open.
22
NC
–
Must be open.
23
NC
–
Must be open.
24
NC
–
Must be open.
25
NC
–
Must be open.
26
CHD
O4
Horizontal drive pulse output for CMOS image sensor
27
CVD
O4
Vertical drive pulse output for CMOS image sensor
28
SCKO
O4
Clock output for CMOS image sensor
29
CSTDBYO
O12
Standby control output to CMOS image sensor
Low level output : CMOS image sensor is in normal mode.
High level output : CMOS image sensor is in standby mode.
30DGND
–
Ground
32
AD0
I
Digital input bit 0
31
SCKI
I
Clock input from CMOS image sensor
33
AD1
I
Digital input bit 1
34
AD2
I
Digital input bit 2
35
AD3
I
Digital input bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com