Electronic Components Datasheet Search
  English  ▼

X  

LR38637 Datasheet(PDF) 14 Page - Sharp Corporation

Part # LR38637
Description  Digital Signal Processor For VGA/CIF CMOS Image Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38637 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button LR38637 Datasheet HTML 7Page - Sharp Corporation LR38637 Datasheet HTML 8Page - Sharp Corporation LR38637 Datasheet HTML 9Page - Sharp Corporation LR38637 Datasheet HTML 10Page - Sharp Corporation LR38637 Datasheet HTML 11Page - Sharp Corporation LR38637 Datasheet HTML 12Page - Sharp Corporation LR38637 Datasheet HTML 13Page - Sharp Corporation LR38637 Datasheet HTML 14Page - Sharp Corporation LR38637 Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
LR38637
14
PARAMETER
SYMBOL
CONDITIONS
UNIT
NOTE
MIN.
MAX.
(DVDD2 = 3.0 V, DVDD = 2.5 V, TA = –20 to +70˚C)
TOO
TOO
TOC
TOCH
TOCL
TOS
TISD
TIHD
TOAA
TOP
SDC
Out
SDA
Out
SDA
In
Fig. 7
EEPROM I/F Timing
NOTES :
1. Output load capacitance CL = 15 pF
2. Available maximum clock frequency is 24.5454 MHZ (CKI).
EEPROM I/F TIMING
Operating clock frequency
TOC
056.93
kHz
1, 2
High clock period
TOCH
8.78
µs
1, 2
Low clock period
TOCL
8.78
µs
1, 2
Start condition output delay
TOS
17.56
µs
1, 2
Setup time of input data
TISD
1µs
Hold time of input data
TIHD
0µs
Output delay
TOAA
4.39
µs
1, 2
Stop condition output delay
TOP
26.34
µs
1, 2
SDC bus release time
TOO
70.24
µs
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com