Electronic Components Datasheet Search
  English  ▼

X  

LR38637 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38637
Description  Digital Signal Processor For VGA/CIF CMOS Image Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38637 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38637 Datasheet HTML 1Page - Sharp Corporation LR38637 Datasheet HTML 2Page - Sharp Corporation LR38637 Datasheet HTML 3Page - Sharp Corporation LR38637 Datasheet HTML 4Page - Sharp Corporation LR38637 Datasheet HTML 5Page - Sharp Corporation LR38637 Datasheet HTML 6Page - Sharp Corporation LR38637 Datasheet HTML 7Page - Sharp Corporation LR38637 Datasheet HTML 8Page - Sharp Corporation LR38637 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
LR38637
PIN NO.
SYMBOL
DESCRIPTION
IO SYMBOL
36
DVDD
–
Internal power supply (+2.5 V)
37
AD4
I
Digital input bit 4
38
AD5
I
Digital input bit 5
39
AD6
I
Digital input bit 6
40AD7
I
Digital input bit 7
41
AD8
I
Digital input bit 8
42
AD9
I
Digital input bit 9
43
DVDD2
–
I/O power supply (+3.0 V)
44
DVDD
–
Internal power supply (+2.5 V)
45
DGND
–
Ground
46
NC
–
Must be open.
47
NC
–
Must be open.
48
NC
–
Must be open.
49
NC
–
Must be open.
50NC
–
Must be open.
51
DGND
–
Ground
52
ACL
IS
Reset input (low active)
53
LP
I
Lower power mode control
Low level input : The LR38637 and CMOS image sensor are in normal mode.
High level input : The LR38637 and CMOS image sensor are in low power
mode.
54
ADJ
I
Connect to Low level (+0.0 V)
55
IOCTRL
I
Switch input/output of parallel video output. (NOTE 7)
56
Y0
IO4
Digital video output (NOTE 8)
57
Y1
IO4
Digital video output (NOTE 8)
58
Y2
IO4
Digital video output (NOTE 8)
59
Y3
IO4
Digital video output (NOTE 8)
60Y4
IO4
Digital video output (NOTE 8)
61
Y5
IO4
Digital video output (NOTE 8)
62
Y6
IO4
Digital video output (NOTE 8)
63
DVDD
–
Internal power supply (+2.5 V)
64
Y7
IO4
Digital video output (NOTE 8)
65
DGND
–
Ground
66
UV0
IO4
Digital video output (NOTE 8)
67
UV1
IO4
Digital video output (NOTE 8)
68
UV2
IO4
Digital video output (NOTE 8)
69
UV3
IO4
Digital video output (NOTE 8)
70UV4
IO4
Digital video output (NOTE 8)
71
NC
–
Must be open.
72
NC
–
Must be open.
73
NC
–
Must be open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com