Electronic Components Datasheet Search
  English  ▼

X  

BLF368 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF368
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF368 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF368 Datasheet HTML 1Page - NXP Semiconductors BLF368 Datasheet HTML 2Page - NXP Semiconductors BLF368 Datasheet HTML 3Page - NXP Semiconductors BLF368 Datasheet HTML 4Page - NXP Semiconductors BLF368 Datasheet HTML 5Page - NXP Semiconductors BLF368 Datasheet HTML 6Page - NXP Semiconductors BLF368 Datasheet HTML 7Page - NXP Semiconductors BLF368 Datasheet HTML 8Page - NXP Semiconductors BLF368 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Jul 29
5
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF368
Fig.6
Drain-source on-state resistance as a
function of junction temperature; typical
values per section.
VGS = 10 V; ID =8A.
handbook, halfpage
0
50
100
150
200
150
100
50
MGP231
Tj (°C)
RDSon
(m
Ω)
Fig.7
Input and output capacitance as functions
of drain-source voltage; typical values per
section.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
1500
500
0
1000
MGP234
30
C
(pF)
VDS (V)
Cis
Cos
Fig.8
Feedback capacitance as a function of
drain-source voltage; typical values per
section.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
600
200
0
400
MGP232
30
Crs
(pF)
VDS (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com