Electronic Components Datasheet Search
  English  ▼

X  

BLF368 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF368
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF368 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF368 Datasheet HTML 7Page - NXP Semiconductors BLF368 Datasheet HTML 8Page - NXP Semiconductors BLF368 Datasheet HTML 9Page - NXP Semiconductors BLF368 Datasheet HTML 10Page - NXP Semiconductors BLF368 Datasheet HTML 11Page - NXP Semiconductors BLF368 Datasheet HTML 12Page - NXP Semiconductors BLF368 Datasheet HTML 13Page - NXP Semiconductors BLF368 Datasheet HTML 14Page - NXP Semiconductors BLF368 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Jul 29
11
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF368
Fig.13 Component layout for 225 MHz class-AB test circuit.
The circuit and components are situated on one side of the PTFE fibre-glass board, the other side being fully metallized, to serve as a ground plane.
Earth connections are made by means of copper straps and hollow rivets for a direct contact between upper and lower sheets.
Dimensions in mm.
handbook, full pagewidth
130
MGP213
C18
C13
L12
R7
L12
C12
C16
C17
+VDD1
L13
hollow rivet
C25
C23
C24
L18
L19
C27
L20
C28
L21
C30
C26
L17
L16
L10
L11
C22
L14
C19
C14
C15
C21
C20
copper strap
L23
L24
hollow rivets
L15
R8
L15
+VDD2
L22
C29
+VDD1
IC1
to R1, R6
C31
C32
C33
C8
R2
slider R1
C9
C6
R3
C5
C1
C3
C2
L5
L4
C4
L6
L7
R4
L8
L9
C7
C10
R5
C11
C34
slider R6
L3
hollow rivets
L2
copper strap
119
100
R9
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com