Electronic Components Datasheet Search
  English  ▼

X  

BLF368 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF368
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF368 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF368 Datasheet HTML 5Page - NXP Semiconductors BLF368 Datasheet HTML 6Page - NXP Semiconductors BLF368 Datasheet HTML 7Page - NXP Semiconductors BLF368 Datasheet HTML 8Page - NXP Semiconductors BLF368 Datasheet HTML 9Page - NXP Semiconductors BLF368 Datasheet HTML 10Page - NXP Semiconductors BLF368 Datasheet HTML 11Page - NXP Semiconductors BLF368 Datasheet HTML 12Page - NXP Semiconductors BLF368 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Jul 29
9
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF368
List of components class-AB test circuit (see Figs 12 and 13)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C2
multilayer ceramic chip capacitor
(note 1)
2
× 56 pF in
parallel
+ 18 pF,
500 V
C3
film dielectric trimmer
2 to 9 pF
2222 809 09005
C4
multilayer ceramic chip capacitor
(note 1)
47 pF, 500 V
C5
film dielectric trimmer
5 to 60 pF
2222 809 08003
C6, C7, C9, C10,
C12, C15, C31, C34
multilayer ceramic chip capacitor
(note 1)
1 nF, 500 V
2222 852 47104
C8, C11, C16, C21,
C32
multilayer ceramic chip capacitor
(note 1)
100 nF, 50 V
C17, C20, C33
electrolytic capacitor
10
µF, 63 V
C22
multilayer ceramic chip capacitor
(note 1)
82 pF, 500 V
C23
multilayer ceramic chip capacitor
(note 1)
10 pF
+ 30 pF in
parallel, 500 V
C24, C28
film dielectric trimmer
2 to 18 pF
2222 809 09006
C25, C26
multilayer ceramic chip capacitor
(note 1)
39 pF
+ 47 pF in
parallel, 500 V
C27
multilayer ceramic chip capacitor
(note 1)
18 pF, 500 V
C29, C30
multilayer ceramic chip capacitor
(note 1)
3
× 100 pF in
parallel, 500 V
L1, L3, L22, L24
stripline (note 2)
50
Ω
4.8
× 80 mm
L2, L23
semi-rigid cable (note 3)
50
Ω
ext. conductor
length 80 mm
ext. dia 3.6 mm
L4, L5
stripline (note 2)
43
Ω
6
× 32.5 mm
L6, L7
stripline (note 2)
43
Ω
6
× 10.5 mm
L8, L9
stripline (note 2)
43
Ω
6
× 3mm
L10, L11
stripline (note 2)
43
Ω
6
× 10.5 mm
L12, L15
grade 3B Ferroxcube wideband
HF choke
2 in parallel
4312 020 36642
L13, L14
2 turns enamelled 1.6 mm copper wire 25 nH
space 2.5 mm
int. dia. 5 mm
leads 2
× 7mm
L16, L17
stripline (notes 2 and 4)
43
Ω
6
× 3mm
L18, L19
stripline (notes 2 and 4)
43
Ω
6
× 35 mm
L20, L21
stripline (notes 2 and 4)
43
Ω
6
× 9mm
R1, R6
10 turns potentiometer
50 k
Ω
R2, R5
metal film resistor
0.4 W, 1 k
Ω
R3, R4
metal film resistor
0.4 W, 536
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com