Electronic Components Datasheet Search
  English  ▼

X  

BLF368 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF368
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF368 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF368 Datasheet HTML 1Page - NXP Semiconductors BLF368 Datasheet HTML 2Page - NXP Semiconductors BLF368 Datasheet HTML 3Page - NXP Semiconductors BLF368 Datasheet HTML 4Page - NXP Semiconductors BLF368 Datasheet HTML 5Page - NXP Semiconductors BLF368 Datasheet HTML 6Page - NXP Semiconductors BLF368 Datasheet HTML 7Page - NXP Semiconductors BLF368 Datasheet HTML 8Page - NXP Semiconductors BLF368 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Jul 29
2
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF368
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures
excellent reliability.
DESCRIPTION
Dual push-pull silicon N-channel
enhancement mode vertical D-MOS
transistor, designed for broadcast
transmitter applications in the VHF
frequency range.
The transistor is encapsulated in a
4-lead SOT262A1 balanced flange
package, with two ceramic caps. The
mounting flange provides the
common source connection for the
transistors.
PINNING - SOT262A1
PIN
DESCRIPTION
1
drain 1
2
drain 2
3
gate 1
4
gate 2
5
source
PIN CONFIGURATION
CAUTION
This product is supplied in anti-static packing to prevent damage caused by
electrostatic discharge during transport and handling. For further information,
refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A, and SNW-FQ-302B.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO discs are not damaged. All persons who handle, use or dispose
of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
ndbook, halfpage
12
34
MSB008
Top view
55
MBB157
g2
g1
d2
d1
s
QUICK REFERENCE DATA
RF performance at Th =25 °C in a push-pull common source test circuit.
Note
1. Assuming a 3rd order amplitude transfer characteristic, 1 dB gain compression corresponds with 30% synchronized
input/25% synchronized output compression in television service (negative modulation, CCIR system).
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
∆Gp
(dB)
(note 1)
ηD
(%)
CW, class-AB
225
32
300
>12
>1
>55
typ. 13.5
typ. 0.4
typ. 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com