Electronic Components Datasheet Search
  English  ▼

X  

BLF368 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF368
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF368 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF368 Datasheet HTML 3Page - NXP Semiconductors BLF368 Datasheet HTML 4Page - NXP Semiconductors BLF368 Datasheet HTML 5Page - NXP Semiconductors BLF368 Datasheet HTML 6Page - NXP Semiconductors BLF368 Datasheet HTML 7Page - NXP Semiconductors BLF368 Datasheet HTML 8Page - NXP Semiconductors BLF368 Datasheet HTML 9Page - NXP Semiconductors BLF368 Datasheet HTML 10Page - NXP Semiconductors BLF368 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Jul 29
7
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF368
Fig.9
Power gain as a function of load power;
typical values per section.
Class-AB operation; VDS = 32 V; IDQ =2 × 250 mA;
ZL = 1.34 + j0.34 Ω (per section); RGS = 536 Ω (per section);
f = 225 MHz.
solid line: Th =25 °C. dotted line: Th =70 °C.
handbook, halfpage
0
500
20
16
8
4
12
100
200
300
400
MGP239
Gp
(dB)
PL (W)
Fig.10 Efficiency as a function of load power;
typical values per section.
Class-AB operation; VDS = 32 V; IDQ =2 × 250 mA;
ZL = 1.34 + j0.34 Ω (per section); RGS = 536 Ω (per section);
f = 225 MHz.
solid line: Th =25 °C. dotted line: Th =70 °C.
handbook, halfpage
0
100
500
80
60
20
0
40
200
300
400
MGP241
ηD
(%)
PL (W)
Fig.11 Load power as a function of input power;
typical values per section.
Class-AB operation; VDS = 32 V; IDQ =2 × 250 mA;
ZL = 1.34 + j0.34 Ω (per section); RGS = 536 Ω (per section);
f = 225 MHz.
solid line: Th =25 °C. dotted line: Th =70 °C.
handbook, halfpage
010
20
30
500
0
400
300
200
100
MGP240
PL
(W)
PIN (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com