Electronic Components Datasheet Search
  English  ▼

X  

CM4 Datasheet(PDF) 5 Page - EDA Technology Co.,LTD

Part # CM4
Description  AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

CM4 Datasheet(HTML) 5 Page - EDA Technology Co.,LTD

  CM4 Datasheet HTML 1Page - EDA Technology Co.,LTD CM4 Datasheet HTML 2Page - EDA Technology Co.,LTD CM4 Datasheet HTML 3Page - EDA Technology Co.,LTD CM4 Datasheet HTML 4Page - EDA Technology Co.,LTD CM4 Datasheet HTML 5Page - EDA Technology Co.,LTD CM4 Datasheet HTML 6Page - EDA Technology Co.,LTD CM4 Datasheet HTML 7Page - EDA Technology Co.,LTD CM4 Datasheet HTML 8Page - EDA Technology Co.,LTD CM4 Datasheet HTML 9Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Datasheet of CM4 Industrial V1.4
EDA Technology Co.,LTD
– Electronics Development Accelerator
1 Product Overview
CM4 Industrial is an industrial embedded computer based on Raspberry Pi Compute Module 4. The
system can be configured into 1GB/2GB/4GB/8GB RAM and 0GB/8GB/16GB/32GB eMMC according to
different applications, which supports boot up from SD card.
It provides a variety of industrial communication interfaces and functions, such as multi-channel RS232,
RS485, multi-channel high-precision ADC, isolated IO input, relay control, battery backup real-time clock
and alarm buzzer. It also provides powerful communication capabilities, one Gigabit Ethernet interface
with PoE function, one 10/100M network port, 4G/LTE module, certified 2.4/5.8G dual-band WiFi and
Bluetooth, and supports external antennas.
CM4 Industrial can support 2 CSI interfaces, 1 DSI display interface and 1 HDMI cable interface. Other
features include on-board 32Mb serial Flash for storing system data, wide power supply range, V1.4
version is 9~36V, V1.1~V1.3 version is 9~18V, and ESD protection for important interfaces.
1.1 Target Application
IOT gateway
Industrial control
Advertising display
Intelligent manufacture
1.2 Specifications and Parameters
Function
Parameters
CPU
BCM2711 4 core, ARM Cortex-A72(ARM v8), 1.5GHz, 64bit CPU
Memory
1GB / 2GB / 4GB / 8GB option
eMMC
0GB / 8GB / 16GB / 32GB option
SD card
micro SD card, support CM4 Lite without eMMC
Extended storage
1x 32Mb Serial Flash
Ethernet
Dual net port, 1x Gigabit Ethernet, 1x 100 Mbps Ethernet
WiFi / Bluetooth
2.4G / 5.8G Dual band WiFi, bluetooth5.0
4G
1x 4G/LTE module(option), Full Netcom, supporting mobile, Unicom and
telecom network standards.
HDMI
1x standard HDMI
HDMI FPC touch screen
1x FPC HDMI, support USB touch, PWM Dimming
DSI
1x DSI, support Raspberry Pi 7-inch official touch screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com