Electronic Components Datasheet Search
  English  ▼

X  

CM4 Datasheet(PDF) 24 Page - EDA Technology Co.,LTD

Part # CM4
Description  AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

CM4 Datasheet(HTML) 24 Page - EDA Technology Co.,LTD

Back Button CM4 Datasheet HTML 20Page - EDA Technology Co.,LTD CM4 Datasheet HTML 21Page - EDA Technology Co.,LTD CM4 Datasheet HTML 22Page - EDA Technology Co.,LTD CM4 Datasheet HTML 23Page - EDA Technology Co.,LTD CM4 Datasheet HTML 24Page - EDA Technology Co.,LTD CM4 Datasheet HTML 25Page - EDA Technology Co.,LTD CM4 Datasheet HTML 26Page - EDA Technology Co.,LTD CM4 Datasheet HTML 27Page - EDA Technology Co.,LTD CM4 Datasheet HTML 28Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Datasheet of CM4 Industrial V1.4
EDA Technology Co.,LTD
– Electronics Development Accelerator
4.6 FPC HDMI
CM4 Industrial has an HDMI interface in the form of 1 FPC, the interface is J65, the screen printing
name is HDMI LCD, and USB 2.0 touch screen signal and PWM brightness level signal are reserved on
it, which can be connected to an HDMI touch screen. Please use 40pin 0.5mm spacing single-sided FPC
cable to connect.
The corresponding definitions of FPC HDMI interface pins are as follows.
Pin ID
Pin Name
Pin ID
Pin Name
1
Y+
21
GND
2
X+
22
HDMI1_CLKP
3
Y-
23
HDMI1_CLKN
4
X-
24
GND
5
GND
25
BACKLIGHT_PWM
6
USB_DP
26
GND
7
USB_DM
27
GND
8
GND
28
GND
9
HDMI1_HPD
29
GND
10
HDMI1_SCL
30
GND
11
HDMI1_SDA
31
GND
12
GND
32
LCD_PWR_EN
13
HDM1_TX2P
33
GND
14
HDMI1_TX2N
34
GND
15
GND
35
GND
16
HDM1_TX1P
36
GND
17
HDM1_TX1N
37
GND
18
GND
38
GND
19
HDM1_TX0P
39
GND
20
HDMI1_TX0N
40
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com