Electronic Components Datasheet Search
  English  ▼

X  

CM4 Datasheet(PDF) 32 Page - EDA Technology Co.,LTD

Part # CM4
Description  AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

CM4 Datasheet(HTML) 32 Page - EDA Technology Co.,LTD

Back Button CM4 Datasheet HTML 25Page - EDA Technology Co.,LTD CM4 Datasheet HTML 26Page - EDA Technology Co.,LTD CM4 Datasheet HTML 27Page - EDA Technology Co.,LTD CM4 Datasheet HTML 28Page - EDA Technology Co.,LTD CM4 Datasheet HTML 29Page - EDA Technology Co.,LTD CM4 Datasheet HTML 30Page - EDA Technology Co.,LTD CM4 Datasheet HTML 31Page - EDA Technology Co.,LTD CM4 Datasheet HTML 32Page - EDA Technology Co.,LTD CM4 Datasheet HTML 33Page - EDA Technology Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Datasheet of CM4 Industrial V1.4
EDA Technology Co.,LTD
– Electronics Development Accelerator
5.4.2 WiFi / BT antenna
Parameter
Feature
Antenna type
External antenna
frequency band
2400-2500MHz, 5150-5850 MHz
antenna gain
2 dBi
impedance
50 OHM
6 Electrical characteristics
6.1 Electrical Parameters
Parameters
Minimum
Typical
Max
Unit
V1.4 system power input
9
12
36
V
Working temperature
-25
25
50
°C
Storage temperature
-25
25
50
°C
Working environment humidity
20
90
%
Relay AC load
125V 0.5A
Relay DC load
30V 3A
NOTE:The maximum power input of V1.1~V1.3 system is 18V.
7 FAQ
7.1 Can micro SD card be used for system startup?
The micro SD card slot is only used with CM4 Lite for primary file system storage. If you choose CM4
module with eMMC, this micro SD card slot is not available because it shares an MMC interface with
eMMC.
8 Product Change Record
8.1 V1.4
Change the power chip, adjust the power input range to 9V~36V, and optimize part of the circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com