Electronic Components Datasheet Search
  English  ▼

X  

CM4 Datasheet(PDF) 29 Page - EDA Technology Co.,LTD

Part # CM4
Description  AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

CM4 Datasheet(HTML) 29 Page - EDA Technology Co.,LTD

Back Button CM4 Datasheet HTML 25Page - EDA Technology Co.,LTD CM4 Datasheet HTML 26Page - EDA Technology Co.,LTD CM4 Datasheet HTML 27Page - EDA Technology Co.,LTD CM4 Datasheet HTML 28Page - EDA Technology Co.,LTD CM4 Datasheet HTML 29Page - EDA Technology Co.,LTD CM4 Datasheet HTML 30Page - EDA Technology Co.,LTD CM4 Datasheet HTML 31Page - EDA Technology Co.,LTD CM4 Datasheet HTML 32Page - EDA Technology Co.,LTD CM4 Datasheet HTML 33Page - EDA Technology Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Datasheet of CM4 Industrial V1.4
EDA Technology Co.,LTD
– Electronics Development Accelerator
4.12 micro-USB
The micro-USB interface is J73, with the screen name of "USB PROGRAM", which is close to the battery
socket of RTC, and is mainly used to burn eMMC of CM4 core board.
Pin ID
Pin Name
1
5V
2
D-
3
D+
4
NC
5
GND
4.13 5V@1A Output
Power output interface J72, on the front of PCBA, near DSI1 FPC connector, provides 5V@1A DC
output. Screen printing is marked with 5V, GND. It can be used to supply power to Raspberry Pi 7-inch
official touch screen, and can also be used for other loads.
Pin ID
Pin Name
1
5V
2
GND
4.14 PoE Pin Header
The gigabit network port of CM4 Industrial supports POE power supply, and the POE power supply
terminal is led out through 1x2.54 mm Pinheader, which needs to be equipped with the official POE HAT
module to realize PoE power supply for CM4 Industrial equipment.
Pin definition of POE Pin Header is as follows
Pin ID
Pin Name
1
VC1-
2
VC1+
3
VC2-
4
VC2+
4.15 Fan Pin Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com