Electronic Components Datasheet Search
  English  ▼

X  

CM4 Datasheet(PDF) 18 Page - EDA Technology Co.,LTD

Part # CM4
Description  AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

CM4 Datasheet(HTML) 18 Page - EDA Technology Co.,LTD

Back Button CM4 Datasheet HTML 14Page - EDA Technology Co.,LTD CM4 Datasheet HTML 15Page - EDA Technology Co.,LTD CM4 Datasheet HTML 16Page - EDA Technology Co.,LTD CM4 Datasheet HTML 17Page - EDA Technology Co.,LTD CM4 Datasheet HTML 18Page - EDA Technology Co.,LTD CM4 Datasheet HTML 19Page - EDA Technology Co.,LTD CM4 Datasheet HTML 20Page - EDA Technology Co.,LTD CM4 Datasheet HTML 21Page - EDA Technology Co.,LTD CM4 Datasheet HTML 22Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Datasheet of CM4 Industrial V1.4
EDA Technology Co.,LTD
– Electronics Development Accelerator
Pin ID
Pin Name
1
GND
2
ADC1
3
ADC2
4
ADC3
The terminal specification model is 2EDGR-2.5-4P/15EDGRC-2.5-04P-14-00AH, the spacing between
terminals is 2.5mm.
3.2.4 RS232
CM4 Industrial has a serial port with RS232 level, the interface name is J34, the CM4 serial port UART5
is used, and the corresponding device file is /dev/ttyAMA3.
Pin ID
Pin Name
1
GND
2
TXD
3
RXD
The terminal specification model is 2EDGR-2.5-3P/15EDGRC-2.5-03P-14-00AH, the spacing between
terminals is 2.5mm.
RS232 corresponds to the serial port UART5 of CM4, and the corresponding pin names are as follows:
#
Signal
CM4 Pinout
1
TXD5
UART5_TX / GPIO12
2
RXD5
UART4_RX / GPIO13
3.2.5 RS485
CM4 Industrial has two RS485 channels, and the interface is named J16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com