Electronic Components Datasheet Search
  English  ▼

X  

ED-IPC2000 Datasheet(PDF) 6 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 6 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 2Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 3Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 4Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 5Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 6Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 7Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 8Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 9Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 10Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
2
Function
Parameters
Audio (optional)
3.5mm headphone jack, supporting stereo playback, headphone microphone
recording.
Note: Only ED-IPC2020 includes this interface.
Speaker (optional)
Speaker interface of two pairs of wire-to-board connectors
Note: Only ED-IPC2020 includes this interface.
40Pin Connector
Raspberry Pi standard 40PIN interface
4Pin POE Connector
Support PoE
Rpiboot Button
Set CM4 to enter the burning mode.
Reset Button
CM4 Reset button
LED
Green (system status), red (power supply)
Power Input
9 ~ 28V supports DC interface, with optional Phoenix terminal interface
Dimension
103(L) x 80(W) x 35(H)
Case
Aluminum alloy heat dissipation
Antenna
PCB antenna/external antenna
Working
environment temperature
-25~60°C
OS
Compatible with official standard system
1.3 System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com