Electronic Components Datasheet Search
  English  ▼

X  

ED-IPC2000 Datasheet(PDF) 18 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 18 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 17Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 18Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 19Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 20Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 21Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 22Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
14
Pin
Definition
Pin
Definition
1
NC
16
GND
2
NC
17
NC
3
1V8
18
NC
4
1V2
19
GND
5
1V8
20
CSI_D1_N
6
GND
21
CSI_D1_P
7
CSI_MCLK
22
GND
8
GND
23
CSI_D0_N
9
GND
24
CSI_D0_P
10
2V8
25
GND
11
NC
26
CSI_CLK_N
12
GND
27
CSI_CLK_P
13
NC
28
GND
14
NC
29
SCL_1V8
15
GND
30
SDA_1V8
Note: Only ED-IPC2020 includes this interface.
4.9 DSI (optional)
J11 is MIPI DSI interface, which uses DSI1 signals of 2-lane on CM4, and can be used with Raspberry Pi
official 7-inch touch screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com