Electronic Components Datasheet Search
  English  ▼

X  

ED-IPC2000 Datasheet(PDF) 12 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 12 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 8Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 9Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 10Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 11Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 12Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 13Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
8
3.2 Rear Panel
3.2.1 Rpiboot Button
Press this button before the device is powered on, and CM4 will enter the burning mode. Users can burn
the device through rpiboot tool.
3.2.2 Micro SD Card
IPC2000 series support dual storage scheme, eMMC+micro SD card. eMMC is used for the main file
system, and micro SD card can be used for expanding data storage. Users can choose SD cards with
different capacities to store data according to application requirements. Compared with the built-in eMMC
memory, SD cards have larger capacity and lower cost. Users can use eMMC on CM4 to store system
code and SD card to store application data.
tip:Micro SD card can only be used for extended storage and cannot be boot from SD card.
3.2.3 Camera Hole
A camera hole is reserved in the middle of the rear panel, which can be used to install various official
models of CSI interface cameras from Raspberry Pi.
Note: Only ED-IPC2020 has a CSI interface reserved for connecting to a camera.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com