Electronic Components Datasheet Search
  English  ▼

X  

ED-IPC2000 Datasheet(PDF) 14 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 14 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 10Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 11Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 12Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 13Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 17Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 18Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
10
Pin ID
Pin Name
1
5V
2
D-
3
D+
4
GND
5
StdA_SSRX-
6
StdA_SSRX+
7
GND_DRAIN
8
StdA_SSTX-
9
StdA_SSTX+
3.4 Antennas
3.4.1 WIFI/BT (optional)
IPC2000 series have a WIFI/BT antenna, which supports 2.4 GHz and 5.0 GHz IEEE 802.11b/g/n/AC
dual-band WiFi. We provide dual-band external antenna, which has passed wireless authentication
together with Raspberry Pi CM4.
Note: Only WIFI/BT versions include this antenna.
4 Internal Interface
4.1 Power Output
4.1.1 5V Output
5V@1A Wire-to-Board Connector terminal output, with 5V pin in the middle and GND pins on both sides.
Pin ID
Pin Name
1
GND
2
5V
3
GND
4.1.2 12V Output
12V@1A Wire-to-Board Connector terminal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com