Electronic Components Datasheet Search
  English  ▼

X  

ED-IPC2000 Datasheet(PDF) 10 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 10 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 6Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 7Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 8Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 9Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 10Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 11Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 12Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 13Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
6
3 Interfaces and Connectors
3.1 Front Panel
Note: Only ED-IPC2020 includes Headphone interface.
3.1.1 Power Input
The power interface is on the right panel, using standard 5.5 * 2.0 DC power socket, supporting 8 ~ 28V
DC power supply, positive inside and negative outside
. Recommend to use a 12V power
adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com