Electronic Components Datasheet Search
  English  ▼

X  

BLT52 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLT52
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT52 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLT52 Datasheet HTML 2Page - NXP Semiconductors BLT52 Datasheet HTML 3Page - NXP Semiconductors BLT52 Datasheet HTML 4Page - NXP Semiconductors BLT52 Datasheet HTML 5Page - NXP Semiconductors BLT52 Datasheet HTML 6Page - NXP Semiconductors BLT52 Datasheet HTML 7Page - NXP Semiconductors BLT52 Datasheet HTML 8Page - NXP Semiconductors BLT52 Datasheet HTML 9Page - NXP Semiconductors BLT52 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1998 Jan 28
6
Philips Semiconductors
Product specification
UHF power transistor
BLT52
Fig.7
Power gain and collector efficiency as
functions of load power; typical values.
handbook, halfpage
02
12
10
2
0
6
MBK251
410
8
6
Gp
(dB)
Gp
ηC
(%)
80
40
30
4
50
20
60
8
70
PL (W)
ηC
CW, class-B operation; f = 470 MHz; VCE = 7.5 V;
tuned at PL = 7 W; Tmb ≤ 60 °C.
Fig.8
Load power as a function of input power;
typical values.
CW, class-B operation; f = 470 MHz; VCE = 7.5 V;
tuned at PL = 7 W; Tmb ≤ 60 °C.
handbook, halfpage
0
0.5
1.0
1.5
2.0
10
8
4
2
0
6
MGD259
PL
(W)
PIN (W)
Fig.9
Power gain as a function of frequency;
typical values.
CW, class-B operation; VCE = 7.5 V; PL = 7 W; Tmb ≤ 60 °C.
handbook, halfpage
100
150
20
8
4
12
0
16
MBK252
200
300
250
Gp
(dB)
f (MHz)
Fig.10 Power gain as a function of frequency;
typical values.
CW, class-B operation; VCE = 7.5 V; PL = 7 W; Tmb ≤ 60 °C.
handbook, halfpage
400
420
16
4
8
0
12
MBK253
440
480
460
Gp
(dB)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com