Electronic Components Datasheet Search
  English  ▼

X  

BLT52 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLT52
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT52 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLT52 Datasheet HTML 4Page - NXP Semiconductors BLT52 Datasheet HTML 5Page - NXP Semiconductors BLT52 Datasheet HTML 6Page - NXP Semiconductors BLT52 Datasheet HTML 7Page - NXP Semiconductors BLT52 Datasheet HTML 8Page - NXP Semiconductors BLT52 Datasheet HTML 9Page - NXP Semiconductors BLT52 Datasheet HTML 10Page - NXP Semiconductors BLT52 Datasheet HTML 11Page - NXP Semiconductors BLT52 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1998 Jan 28
8
Philips Semiconductors
Product specification
UHF power transistor
BLT52
MOUNTING RECOMMENDATIONS
Both the metallized groundplate and leads contribute to the heatflow. It is recommended that the transistor is mounted
on a grounded metallized area of a maximum thickness of 0.8 mm on the printed-circuit board, equipped with at least 12
(0.5 mm diameter) through metallized holes filled with solder.
A thermal resistance Rth(mb-h) of 5 K/W can be achieved if heatsink compound is applied when the transistor is mounted
on the printed-circuit board.
Fig.15 Reflow soldering footprint for SOT409A.
Dimensions in mm.
full pagewidth
MGK390
1.87 (2
×)
4.60
0.80 (2
×)
0.60 (4
×)
0.50 (12
×)
1.00 (8
×)
1.00 (9
×)
3.60
7.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com