Electronic Components Datasheet Search
  English  ▼

X  

BLT52 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLT52
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT52 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLT52 Datasheet HTML 1Page - NXP Semiconductors BLT52 Datasheet HTML 2Page - NXP Semiconductors BLT52 Datasheet HTML 3Page - NXP Semiconductors BLT52 Datasheet HTML 4Page - NXP Semiconductors BLT52 Datasheet HTML 5Page - NXP Semiconductors BLT52 Datasheet HTML 6Page - NXP Semiconductors BLT52 Datasheet HTML 7Page - NXP Semiconductors BLT52 Datasheet HTML 8Page - NXP Semiconductors BLT52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Jan 28
2
Philips Semiconductors
Product specification
UHF power transistor
BLT52
FEATURES
• Emitter ballasting resistors for an optimum
temperature profile
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Common emitter class-B operation in portable radio
transmitters in the 470 MHz communication band.
DESCRIPTION
NPN silicon planar epitaxial power transistor encapsulated
in a ceramic SOT409A SMD package.
PINNING
PIN
DESCRIPTION
1, 4, 5, 8
emitter
2, 3
base
6, 7
collector
Fig.1 Simplified outline SOT409A.
handbook, halfpage
MBK150
Top view
14
85
QUICK REFERENCE DATA
RF performance at Tmb ≤ 60 °C in a common emitter test circuit.
MODE OF OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-B
470
7.5
7
≥8
≥50
typ. 9.5
typ. 65
63
≥8
≥50
typ. 9.5
typ. 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com