Electronic Components Datasheet Search
  English  ▼

X  

BLT52 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLT52
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT52 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLT52 Datasheet HTML 1Page - NXP Semiconductors BLT52 Datasheet HTML 2Page - NXP Semiconductors BLT52 Datasheet HTML 3Page - NXP Semiconductors BLT52 Datasheet HTML 4Page - NXP Semiconductors BLT52 Datasheet HTML 5Page - NXP Semiconductors BLT52 Datasheet HTML 6Page - NXP Semiconductors BLT52 Datasheet HTML 7Page - NXP Semiconductors BLT52 Datasheet HTML 8Page - NXP Semiconductors BLT52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 Oct 15
1998 Jan 28
DISCRETE SEMICONDUCTORS
BLT52
UHF power transistor
M3D175


Similar Part No. - BLT52

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
BLT52-H ELDECO-BLT52-H Datasheet
506Kb / 1P
Standard : UL - IEC 300V - 250V 16A - 17.5A
BLT52-V ELDECO-BLT52-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 16A - 17.5A
More results

Similar Description - BLT52

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
UHF Power Transistor
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
UHF power transistor
1998 Jan 28
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W_15 Datasheet
234Kb / 11P
UHF power transistor
1998 Jul 06
BLV91 PHILIPS-BLV91 Datasheet
56Kb / 11P
UHF power transistor
September 1988
logo
New Jersey Semi-Conduct...
BLU10 NJSEMI-BLU10 Datasheet
201Kb / 3P
UHF power transistor
BLV99 NJSEMI-BLV99 Datasheet
133Kb / 2P
UHF power transistor
logo
eleflow technologies co...
BLW81 ELEFLOW-BLW81 Datasheet
52Kb / 2P
UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com