Electronic Components Datasheet Search
  English  ▼

X  

BLT52 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLT52
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT52 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLT52 Datasheet HTML 3Page - NXP Semiconductors BLT52 Datasheet HTML 4Page - NXP Semiconductors BLT52 Datasheet HTML 5Page - NXP Semiconductors BLT52 Datasheet HTML 6Page - NXP Semiconductors BLT52 Datasheet HTML 7Page - NXP Semiconductors BLT52 Datasheet HTML 8Page - NXP Semiconductors BLT52 Datasheet HTML 9Page - NXP Semiconductors BLT52 Datasheet HTML 10Page - NXP Semiconductors BLT52 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1998 Jan 28
7
Philips Semiconductors
Product specification
UHF power transistor
BLT52
Fig.11 Input impedance as a function of frequency
(series components); typical values.
CW, class-B operation; VCE = 7.5 V; PL = 7 W; Tmb ≤ 60 °C.
handbook, halfpage
100
150
4
−2
−4
−6
0
2
MBK254
200
300
250
Zi
(
Ω)
f (MHz)
ri
xi
Fig.12 Load impedance as a function of frequency
(series components); typical values.
CW, class-B operation; VCE = 7.5 V; PL = 7 W; Tmb ≤ 60 °C.
handbook, halfpage
100
150
4
6
−2
0
2
MBK255
200
300
250
ZL
(
Ω)
f (MHz)
RL
XL
Fig.13 Input impedance as a function of frequency
(series components); typical values.
CW, class-B operation; VCE = 7.5 V; PL = 7 W; Tmb ≤ 60 °C.
handbook, halfpage
1.2
0.8
0.4
0
MGD260
420
400
440
460
480
f (MHz)
Zi
(
Ω)
ri
xi
Fig.14 Load impedance as a function of frequency
(series components); typical values.
CW, class-B operation; VCE = 7.5 V; PL = 7 W; Tmb ≤ 60 °C.
handbook, halfpage
4
3
2
0
1
MGD261
420
400
440
460
480
f (MHz)
ZL
(
Ω)
XL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com