Electronic Components Datasheet Search
  English  ▼

X  

BLT53 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLT53
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT53 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLT53 Datasheet HTML 2Page - NXP Semiconductors BLT53 Datasheet HTML 3Page - NXP Semiconductors BLT53 Datasheet HTML 4Page - NXP Semiconductors BLT53 Datasheet HTML 5Page - NXP Semiconductors BLT53 Datasheet HTML 6Page - NXP Semiconductors BLT53 Datasheet HTML 7Page - NXP Semiconductors BLT53 Datasheet HTML 8Page - NXP Semiconductors BLT53 Datasheet HTML 9Page - NXP Semiconductors BLT53 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
May 1991
6
Philips Semiconductors
Product specification
UHF power transistor
BLT53
APPLICATION INFORMATION
RF performance at Tmb = 25 °C in a common emitter test circuit.
MODE OF
OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηc
(%)
c.w. class-B
470
7.5
8
> 6
typ. 6.8
> 60
typ. 65
Fig.7
Gain and efficiency as functions of load
power, typical values.
Class-B operation; VCE = 7.5 V; f = 470 MHz.
handbook, halfpage
048
Gp
(dB)
Gp
PL (W)
12
10
0
2
MCD197
8
6
4
η
(%)
η
70
20
30
60
50
40
Fig.8
Load power as a function of drive power,
typical values.
Class-B operation; VCE = 7.5 V; f = 470 MHz.
handbook, halfpage
0
12
8
4
0
12
PL
(W)
4
MCD198
3
PD (W)
Ruggedness in class-B operation
The BLT53 is capable of withstanding a full load mismatch
corresponding to VSWR = 50:1 through all phases at rated
output power, up to a supply voltage of 9 V, and
f = 470 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com