Electronic Components Datasheet Search
  English  ▼

X  

BLT53 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLT53
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT53 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLT53 Datasheet HTML 1Page - NXP Semiconductors BLT53 Datasheet HTML 2Page - NXP Semiconductors BLT53 Datasheet HTML 3Page - NXP Semiconductors BLT53 Datasheet HTML 4Page - NXP Semiconductors BLT53 Datasheet HTML 5Page - NXP Semiconductors BLT53 Datasheet HTML 6Page - NXP Semiconductors BLT53 Datasheet HTML 7Page - NXP Semiconductors BLT53 Datasheet HTML 8Page - NXP Semiconductors BLT53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
May 1991
4
Philips Semiconductors
Product specification
UHF power transistor
BLT53
CHARACTERISTICS
Tj = 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter;
IC = 20 mA
20
−−
V
V(BR)CEO
collector-emitter breakdown voltage
open base;
IC = 40 mA
10
−−
V
V(BR)EBO
emitter-base breakdown voltage
open collector;
IE = 4 mA
3
−−
V
ICES
collector-emitter leakage current
VBE = 0;
VCE = 10 V
−−
1mA
hFE
DC current gain
VCE = 5 V;
IC = 1.2 A
25
−−
fT
transition frequency
VCE = 7.5 V;
IE = 1.6 A
−
3.9
−
GHz
Cc
collector capacitance
VCB = 7.5 V;
IE = Ie = 0;
f = 1 MHz
−
24
−
pF
Cre
feedback capacitance
VCE = 7.5 V;
IC = 0;
f = 1 MHz
−
17
−
pF
Cc-mb
collector-mounting base capacitance
f = 1 MHz
−
1.2
−
pF
Fig.4
DC current gain as a function of collector
current, typical values.
VCE = 5 V.
handbook, halfpage
0
02
4
hFE
IC (A)
6
80
60
20
40
MCD194
Fig.5
Collector capacitance as a function of
collector-base voltage, typical values.
IE = ie = 0; f = 1 MHz.
handbook, halfpage
048
Cc
(pF)
VCB (V)
12
50
0
10
MCD195
40
30
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com