Electronic Components Datasheet Search
  English  ▼

X  

BLT53 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLT53
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT53 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLT53 Datasheet HTML 3Page - NXP Semiconductors BLT53 Datasheet HTML 4Page - NXP Semiconductors BLT53 Datasheet HTML 5Page - NXP Semiconductors BLT53 Datasheet HTML 6Page - NXP Semiconductors BLT53 Datasheet HTML 7Page - NXP Semiconductors BLT53 Datasheet HTML 8Page - NXP Semiconductors BLT53 Datasheet HTML 9Page - NXP Semiconductors BLT53 Datasheet HTML 10Page - NXP Semiconductors BLT53 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
May 1991
7
Philips Semiconductors
Product specification
UHF power transistor
BLT53
List of components (see test circuit)
Note
1. The striplines are mounted on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
ε
r = 2.74);
thickness 1
⁄16 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2, C7, C8
film dielectric trimmer
2 to 9 pF
2222 809 09002
C3, C4
multilayer ceramic chip capacitor
15 pF
C5
feed-through capacitor
100 pF
C6
polyester capacitor
33 nF
L1
stripline (note 1)
44
Ω
41.1 mm
× 5 mm
L2
13 turns closely wound enamelled
0.5 mm copper wire
320 nH
int. dia. 4 mm
L3
2 turns enamelled 1 mm copper wire
int. dia. 4 mm;
pitch 1.5 mm;
leads 2
× 5 mm
L4
stripline (note 1)
44
Ω
52.7 mm
× 5 mm
L5
grade 3B1 Ferroxcube wideband HF
choke
4312 020 36640
R1
0.25 W carbon resistor
1
Ω,5%
R2
0.25 W carbon resistor
10
Ω,5%
Fig.9 Class-B test circuit at f = 470 MHz.
handbook, full pagewidth
MBH107
R2
T.U.T.
L5
C6
L4
C7
C8
L3
C5
C4
C3
C1
C2
L1
R1
L2
,,
,,
ZL = 50 Ω
output
ZS = 50 Ω
input
+VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com