Electronic Components Datasheet Search
  English  ▼

X  

BLT53 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLT53
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT53 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLT53 Datasheet HTML 3Page - NXP Semiconductors BLT53 Datasheet HTML 4Page - NXP Semiconductors BLT53 Datasheet HTML 5Page - NXP Semiconductors BLT53 Datasheet HTML 6Page - NXP Semiconductors BLT53 Datasheet HTML 7Page - NXP Semiconductors BLT53 Datasheet HTML 8Page - NXP Semiconductors BLT53 Datasheet HTML 9Page - NXP Semiconductors BLT53 Datasheet HTML 10Page - NXP Semiconductors BLT53 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
May 1991
9
Philips Semiconductors
Product specification
UHF power transistor
BLT53
Fig.11 Input impedance (series components) as a
function of frequency, typical values.
Class-B operation; VCE = 7.5 V; PL = 8 W.
handbook, halfpage
400
3
2
1
0
440
480
Zi
(
Ω)
ri
xi
520
MCD199
f (MHz)
Fig.12 Load impedance (series components) as a
function of frequency, typical values.
Class-B operation; VCE = 7.5 V; PL = 8 W.
handbook, halfpage
−4
400
440
ZL
(
Ω)
RL
XL
480
520
4
2
−2
0
MCD200
f (MHz)
Fig.13 Definition of transistor impedance.
handbook, halfpage
MBA451
Zi
ZL
Fig.14 Power gain as a function of frequency,
typical values.
Class-B operation; VCE = 7.5 V; PL = 8 W.
handbook, halfpage
400
440
Gp
(dB)
480
520
10
0
2
MCD201
8
6
4
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com