Electronic Components Datasheet Search
  English  ▼

X  

BLT80 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLT80
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT80 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLT80 Datasheet HTML 2Page - NXP Semiconductors BLT80 Datasheet HTML 3Page - NXP Semiconductors BLT80 Datasheet HTML 4Page - NXP Semiconductors BLT80 Datasheet HTML 5Page - NXP Semiconductors BLT80 Datasheet HTML 6Page - NXP Semiconductors BLT80 Datasheet HTML 7Page - NXP Semiconductors BLT80 Datasheet HTML 8Page - NXP Semiconductors BLT80 Datasheet HTML 9Page - NXP Semiconductors BLT80 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1996 May 09
6
Philips Semiconductors
Product specification
UHF power transistor
BLT80
Test circuit information
List of components used in test circuit (see Figs 7 and 8)
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. The striplines are on a double copper-clad printed-circuit board, with PTFE fibre-glass dielectric (
εr = 2.2); thickness
1
⁄16"; thickness of the copper sheet 35 µm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C8
multilayer ceramic chip capacitor; note 1 100 pF
C2, C3
type 9105 Voltronix KM10 trimmer
0.6 to 10 pF
C4
multilayer ceramic chip capacitor; note 1 220 pF
C5, C7
film dielectric trimmer
1.4 to 5.5 pF
2222 809 09001
C6
multilayer ceramic chip capacitor; note 1 1 nF
L1
stripline; note 2
50
Ω
length 13 mm
width 4.85 mm
L2, L7
1 turn 0.4 mm copper wire on
grade 3B core
4330 030 32221
L3, L8
6 turns enamelled 0.8 mm copper wire
internal dia. 3 mm
L4, L9
grade 3B Ferroxcube wideband
HF choke
4312 020 36640
L5
stripline; note 2
50
Ω
length 8.4 mm
width 4.85 mm
L6
stripline; note 2
50
Ω
length 20 mm
width 4.85 mm
L10
stripline; note 2
50
Ω
length 21 mm
width 4.85 mm
R1, R2
metal film resistor
10
Ω, 0.25 W
Fig.7 Common emitter test circuit for class-B operation at 900 MHz.
handbook, full pagewidth
MBB649
,,,
50
Ω
input
50
Ω
output
VCC
C6
C4
R2
L9
L7
C8
L10
DUT
L3
L4
R1
C2
C1
L5
C7
C3
L1
,,
C5
L6
,,
L2
,,,
L8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com