Electronic Components Datasheet Search
  English  ▼

X  

BLT80 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLT80
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT80 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLT80 Datasheet HTML 1Page - NXP Semiconductors BLT80 Datasheet HTML 2Page - NXP Semiconductors BLT80 Datasheet HTML 3Page - NXP Semiconductors BLT80 Datasheet HTML 4Page - NXP Semiconductors BLT80 Datasheet HTML 5Page - NXP Semiconductors BLT80 Datasheet HTML 6Page - NXP Semiconductors BLT80 Datasheet HTML 7Page - NXP Semiconductors BLT80 Datasheet HTML 8Page - NXP Semiconductors BLT80 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 May 09
4
Philips Semiconductors
Product specification
UHF power transistor
BLT80
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Measured under pulsed conditions: tp ≤ 200 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 2.5 mA
20
−
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC =5mA
10
−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE = 0.5 mA
3
−
V
ICES
collector leakage current
VCE = 10 V; VBE =0
−
0.1
mA
hFE
DC current gain
VCE =5V; IC = 150 mA; note 1;
see Fig.3
25
−
Cc
collector capacitance
VCB = 7.5 V; IE =ie = 0; f = 1 MHz;
see Fig.4
−
3.5
pF
Cre
feedback capacitance
VCE = 7.5 V; IC = 0; f = 1 MHz
−
2.5
pF
Fig.3
DC current gain as a function of collector
current; typical values.
VCE = 7.5 V; tp ≤ 200 µs; δ≤ 0.02; Tj =25 °C.
handbook, halfpage
0
20
40
60
80
100
0
200
400
600
800
MRA776
hFE
IC (mA)
Fig.4
Collector capacitance as a function of
collector-base voltage; typical values.
IE =ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
0
1
2
3
4
5
0
4
8
12
16
20
MRA773
Cc
(pF)
VCB (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com