Electronic Components Datasheet Search
  English  ▼

X  

BLT80 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLT80
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT80 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLT80 Datasheet HTML 1Page - NXP Semiconductors BLT80 Datasheet HTML 2Page - NXP Semiconductors BLT80 Datasheet HTML 3Page - NXP Semiconductors BLT80 Datasheet HTML 4Page - NXP Semiconductors BLT80 Datasheet HTML 5Page - NXP Semiconductors BLT80 Datasheet HTML 6Page - NXP Semiconductors BLT80 Datasheet HTML 7Page - NXP Semiconductors BLT80 Datasheet HTML 8Page - NXP Semiconductors BLT80 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1996 May 09
3
Philips Semiconductors
Product specification
UHF power transistor
BLT80
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note to the “Limiting values” and “Thermal characteristics”
1. Ts is the temperature at the soldering point of the collector pin.
2. Transistor mounted on a printed-circuit board measuring 40
× 40 × 1 mm, collector pad 35 × 17 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
250
mA
IC(AV)
average collector current
−
250
mA
ICM
peak collector current
f
> 1 MHz
−
750
mA
Ptot
total power dissipation
Ts = 131 °C; note 1
−
2W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
Ptot =2W; Ts = 131 °C; note 1
22
K/W
Rth j-a
thermal resistance from junction to ambient
Ptot =2W; Tamb =25 °C; note 2
85
K/W
Fig.2 DC SOAR.
Ts = 131 °C.
handbook, halfpage
10−2
10−1
1
110
102
MRA780 - 1
IC
(A)
VCE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com