Electronic Components Datasheet Search
  English  ▼

X  

BLT80 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLT80
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT80 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLT80 Datasheet HTML 4Page - NXP Semiconductors BLT80 Datasheet HTML 5Page - NXP Semiconductors BLT80 Datasheet HTML 6Page - NXP Semiconductors BLT80 Datasheet HTML 7Page - NXP Semiconductors BLT80 Datasheet HTML 8Page - NXP Semiconductors BLT80 Datasheet HTML 9Page - NXP Semiconductors BLT80 Datasheet HTML 10Page - NXP Semiconductors BLT80 Datasheet HTML 11Page - NXP Semiconductors BLT80 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 May 09
8
Philips Semiconductors
Product specification
UHF power transistor
BLT80
Fig.9
Input impedance as a function of frequency
(series components); typical values.
Class-B; VCE = 7.5 V; PL = 0.8 W; Ts ≤ 60 °C.
handbook, halfpage
0
2
4
6
8
10
800
840
880
920
960
1000
MRA777
f (MHz)
ri
xi
Zi
(
Ω)
Fig.10 Load impedance as a function of frequency
(series components); typical values.
Class-B; VCE = 7.5 V; PL = 0.8 W; Ts ≤ 60 °C.
handbook, halfpage
0
5
10
15
20
25
30
800
840
880
920
960
1000
f (MHz)
MRA778
ZL
(
Ω)
RL
XL
Fig.11 Power gain as a function of
frequency; typical values.
Class-B; VCE = 7.5 V; PL = 0.8 W; Ts ≤ 60 °C.
handbook, halfpage
0
2
4
6
8
10
800
840
880
920
960
1000
f (MHz)
MRA775
Gp
(dB)
Fig.12 Definition of transistor impedance.
handbook, halfpage
MBA451
Zi
ZL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com