Electronic Components Datasheet Search
  English  ▼

X  

EM78P510NAM Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EM78P510NAM
Description  8-Bit Microprocessor with OTP ROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P510NAM Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EM78P510NAM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
EM78P510N
8-Bit Microcontrollers
Product Specification (V0.9) 09.12.2006
• 25
(This specification is subject to change without further notice)
Mode Selected
Description
Timer 1
Down-counter wills underflow once and can’t auto
reload from T1PD.
Capture
In this mode, period and duty of the T1CAP input pin are
measured once. This moment free running counter
stop and can’t detect a change of T1CAP edge.
PWM1
In this mode will generate one set of PWM1’s duty and
period, and then free running counter will stop.
Bit 0 (T1OC)
: Timer1 Output Flip-Flop Control Bit
0
: T-FF is low
1
: T-FF is high
6.2.29 Bank 2 R7 T1PD (Timer1 Period Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PRD1[7]
PRD1[6]
PRD1[5]
PRD1[4]
PRD1[3]
PRD1[2]
PRD1[1]
PRD1[0]
Bits 7~0 (PRD1[7]~PRD1[0]):
The content of this register is a period of Timer 1.
6.2.30 Bank 2 R8 T1TD (Timer 1 Duty Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TD1[7]
TD1[6]
TD1[5]
TD1[4]
TD1[3]
TD1[2]
TD1[1]
TD1[0]
Bits 7~0 (TD1[7]~TD1[0]):
The content of this register is a duty of Timer 1.
6.2.31 Bank 2 R9 T2CR (Timer 2 Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T2IF
T2IE
T2EN
T2MS1
T2MS0
T2P2
T2P1
T2P0
Bit 7 (T2IF)
: Interrupt Flag of Timer 2 Interrupt
Bit 6 (T2IE)
: Timer 2 Interrupt Mask Bit
0
: Disable Timer 2 interrupt
1
: Enable Timer 2 interrupt
Bit 5 (T2EN)
: Timer 2 Start Bit
0
: Timer 2 stop
1
: Timer 2 start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com